Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3269A Datasheet(PDF) 19 Page - Texas Instruments

Part # CD3269A
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3269A Datasheet(HTML) 19 Page - Texas Instruments

Back Button CD3269A Datasheet HTML 15Page - Texas Instruments CD3269A Datasheet HTML 16Page - Texas Instruments CD3269A Datasheet HTML 17Page - Texas Instruments CD3269A Datasheet HTML 18Page - Texas Instruments CD3269A Datasheet HTML 19Page - Texas Instruments CD3269A Datasheet HTML 20Page - Texas Instruments CD3269A Datasheet HTML 21Page - Texas Instruments CD3269A Datasheet HTML 22Page - Texas Instruments CD3269A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
1ms
calibration
frequency
2ms
button or ACK
selected frequency
4ms
continue ACK selected frequency
(power-up only)
1.67ms
tCAL
tCAL
2.89ms
TONE pin
Tone pulses
De-bounced
button press
or power-up
Tone pulse
counter
(A.)
(B.)
(C.)
(D.)
Figure 7-6. Tone Transmit and Decode Method
A.
Count 63 tone pulses to set tCAL.
B.
Count n tone pulses over tCAL.
C.
Tone frequency decoded from n value.
D.
Tone activity sampled. If active, ACK tone received. If not active, button tone received.
The CD326x remains in tone mode until the MIC pin voltage falls below 0.8V. When power recovers, the
CD326x enters button mode or tone mode depending on the voltage detected at the MIC pin. See Section 7.3.4
for more details about this process.
0V
2.5V
tCAL
tACK
Time
Calibration tone tCAL = 0.9ms (typ)
ACK tone tACK = 5.5ms
(typ)
Figure 7-7. Tone Mode Acknowledge Timing
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com