Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3268A0YZPR Datasheet(PDF) 6 Page - Texas Instruments

Part # CD3268A0YZPR
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3268A0YZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD3268A0YZPR Datasheet HTML 2Page - Texas Instruments CD3268A0YZPR Datasheet HTML 3Page - Texas Instruments CD3268A0YZPR Datasheet HTML 4Page - Texas Instruments CD3268A0YZPR Datasheet HTML 5Page - Texas Instruments CD3268A0YZPR Datasheet HTML 6Page - Texas Instruments CD3268A0YZPR Datasheet HTML 7Page - Texas Instruments CD3268A0YZPR Datasheet HTML 8Page - Texas Instruments CD3268A0YZPR Datasheet HTML 9Page - Texas Instruments CD3268A0YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
5.6 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
PARAMETER
DEFINITION
MIN
TYP
MAX
UNIT
Tone, Button, and Switch Timing
tCAL
Calibration Tone Duration, (Figure 7-2)
0.8
0.9
0.98
ms
tACK
ACK Tone Duration, (Figure 7-2)
5.0
5.5
6.0
ms
tB
Button Tone Duration
1.4
1.8
2.2
ms
tDB
Button Debounce Time
8.4
9.1
10
ms
tM2T
Tone Send Delay after Tone Mode
Enable, (Figure 7-2)
4
6
8
ms
tONA
Switch A Enable Time, (Figure 7-2)
0.8
1.2
2
ms
tOFFB
Switch B Disable Time, (Figure 7-2)
0.7
1
2
ms
tREG
Shunt Regulator Enable Time: time from MIC
= 2.3V to MICPWR = 1.56V, (Figure 7-2)
1
2.5
3.5
ms
CD3268A, CD3269A
SCHS463 – MAY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com