Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD3269A0YZPR Datasheet(PDF) 3 Page - Texas Instruments

Part # CD3269A0YZPR
Description  CD326x Audio Interface Transmitter for Specially Enabled Headsets
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD3269A0YZPR Datasheet(HTML) 3 Page - Texas Instruments

  CD3269A0YZPR Datasheet HTML 1Page - Texas Instruments CD3269A0YZPR Datasheet HTML 2Page - Texas Instruments CD3269A0YZPR Datasheet HTML 3Page - Texas Instruments CD3269A0YZPR Datasheet HTML 4Page - Texas Instruments CD3269A0YZPR Datasheet HTML 5Page - Texas Instruments CD3269A0YZPR Datasheet HTML 6Page - Texas Instruments CD3269A0YZPR Datasheet HTML 7Page - Texas Instruments CD3269A0YZPR Datasheet HTML 8Page - Texas Instruments CD3269A0YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
4 Pin Configuration and Functions
C
B
A
VSHUNT MICPWR
MIC
REM
TONE
GND
1
2
Figure 4-1. DSBGA Package, 6-Pin YZP (Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
GND
A2
P
Ground
MIC
B1
I
Input DC bias; voltage determines the mode of operation.
MICPWR
C2
O
Microphone power; used as a control output to enable/disable an external microphone
module.
REM
B2
I/O
Remote switch network
TONE
A1
O
Tone generator output
VSHUNT
C1
I
External microphone bias
(1)
I = Input, O = Output, I/O = Input or Output, P = Power
www.ti.com
CD3268A, CD3269A
SCHS463 – MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD3268A CD3269A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com