Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74ACT32 Datasheet(PDF) 3 Page - Texas Instruments

Part # CD74ACT32
Description  CDx4ACT32 Quadruple 2-Input Positive-or Gates
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT32 Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT32 Datasheet HTML 1Page - Texas Instruments CD74ACT32 Datasheet HTML 2Page - Texas Instruments CD74ACT32 Datasheet HTML 3Page - Texas Instruments CD74ACT32 Datasheet HTML 4Page - Texas Instruments CD74ACT32 Datasheet HTML 5Page - Texas Instruments CD74ACT32 Datasheet HTML 6Page - Texas Instruments CD74ACT32 Datasheet HTML 7Page - Texas Instruments CD74ACT32 Datasheet HTML 8Page - Texas Instruments CD74ACT32 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3 Pin Configuration and Functions
Figure 3-1. CD54ACT32 J Package; CD74ACT32 N or D Package; CDIP, SOIC, or PDIP (Top View)
Table 3-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, PDIP, CDIP
1A
1
I
1A Input
1B
2
I
1B Input
1Y
3
O
1Y Output
2A
4
I
2A Input
2B
5
I
2B Input
2Y
6
O
2Y Output
3Y
8
O
3Y Output
3A
9
I
3A Input
3B
10
I
3B Input
4Y
11
O
4Y Output
4A
12
I
4A Input
4B
13
I
4B Input
GND
7
—
Ground Pin
NC
—
—
No Connection
VCC
14
—
Power Pin
www.ti.com
CD54ACT32, CD74ACT32
SCHS342A – MARCH 2003 – REVISED AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54ACT32 CD74ACT32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com