Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP1G4 Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC5686IPZP1G4
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP1G4 Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC5686IPZP1G4 Datasheet HTML 45Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 46Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 47Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 48Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 49Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 50Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 51Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 52Page - Texas Instruments DAC5686IPZP1G4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
C1 + t1 1 *
t
2
t
3
1
2
C2
3
t ´ t
=
t
R1 +
t
32
t
1(t3 * t2)
t1 +
K
dKVCO
w2
d
(
tan f
d
) sec fd)
t2 +
1
w
d(tan fd
) sec fd)
t3 +
tan f
d
) sec fd
wd
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
C1, C2, and R1 are then calculated by the following equations:
where
and
Charge pump current:
iqp = 1 mA
VCO gain:
KVCO = 2π × GVCO rad/A
fvco/fdata:
N = {2, 4, 8, 16, 32}
Phase detector gain:
Kd = iqp × (2πN)
–1 A/rad
An Excel™ spreadsheet is available on the TI Web site at http://www-s.ti.com/sc/psheets/scac057/scac057.zip
for automatically calculating the values for C1, C2, and R1.
Completing the preceding example with
PARAMETER
VALUE
UNIT
Gvco
2.00E+02
MHz/V
ω
d
1.00E+00
MHz
N
4
φ
d
80
the component values are
C1 (F)
C2 (F)
R1 (
Ω)
1.44E–08
1.11E–10
1.27E+02
Because the PLL characteristics are not sensitive to these components, the closest 20%-tolerance capacitor and
1%-tolerance resistor values can be used. If the calculation results in a negative value for C2 or an unrealistically
large value for C1, then the phase margin must be reduced slightly.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com