Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWP Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC7750IPWP
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7750IPWP Datasheet HTML 17Page - Texas Instruments DAC7750IPWP Datasheet HTML 18Page - Texas Instruments DAC7750IPWP Datasheet HTML 19Page - Texas Instruments DAC7750IPWP Datasheet HTML 20Page - Texas Instruments DAC7750IPWP Datasheet HTML 21Page - Texas Instruments DAC7750IPWP Datasheet HTML 22Page - Texas Instruments DAC7750IPWP Datasheet HTML 23Page - Texas Instruments DAC7750IPWP Datasheet HTML 24Page - Texas Instruments DAC7750IPWP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
For a 5-V reference, the output can be expressed as shown in Equation 1 through Equation 3.
For a 0-mA to 20-mA output range, use Equation 1.
N
CODE
IOUT
20mA •
2
=
(1)
For a 0-mA to 24-mA output range, use Equation 2.
N
CODE
IOUT
24mA •
2
=
(2)
For a 4-mA to 20-mA output range, use Equation 3.
N
CODE
IOUT
16mA •
4mA
2
=
+
(3)
where
• CODE is the decimal equivalent of the code loaded to the DAC
• N is the bits of resolution; 16 for DAC8750, and 12 for DAC7750
The current-output range is normally set according to the value of the RANGE bits in the Control Register (see
Section 8.4.1 for more details).
8.3.3 Internal Reference
The DACx750 includes an integrated 5-V reference with a buffered output (REFOUT) capable of driving up
to 5 mA (source or sink) with an initial accuracy of ±5 mV maximum and a temperature drift coefficient of 10
ppm/°C maximum.
8.3.4 Digital Power Supply
An internally generated 4.6-V supply capable of driving up to 10 mA can be output on DVDD by leaving the
DVDD-EN pin unconnected. This configuration simplifies the system power-supply design when an isolation
barrier is required to generate the digital supply. The internally generated supply can be used to drive isolation
components used for the digital data lines and other miscellaneous components, such as references and
temperature sensors; see Figure 9-3 for an example application.
If an external supply is preferred, the DVDD pin (which can be driven up to 5.5 V in this case) can become an
input by tying DVDD-EN to GND. See Section 7.5 for detailed specifications.
8.3.5 DAC Clear
The DAC has an asynchronous clear function through the CLR pin that is active-high and allows the current
output to be cleared to zero-scale code. When the CLR signal returns to low, the output remains at the cleared
value. The preclear value can be restored by pulsing the LATCH signal without clocking any data. A new value
cannot be programmed until the CLR pin returns to low. To avoid glitches on the output, disable the output by
writing a 0 to the OUTEN bit of the Control Register before changing the current range.
8.3.6 Power-On Reset
The DACx750 incorporates two internal POR circuits for the DVDD and AVDD supplies. The DVDD and AVDD
POR signals are ANDed together so that both supplies must be at their minimal specified values for the device
to not be in a reset condition. These POR circuits initialize internal logic and registers, as well as set the analog
outputs to a known state while the device supplies are ramping. All registers are reset to their default values.
Typically the POR function can be ignored, as long as the device supplies power-up and maintains the specified
minimum voltage levels. However, in the case of a supply drop or brownout, the DACx750 can have an internal
POR reset event or lose digital memory integrity. Figure 8-3 represents the threshold levels for the internal POR
for both the DVDD and AVDD supplies.
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com