Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8760IPWPR Datasheet(PDF) 33 Page - Texas Instruments

Part # DAC8760IPWPR
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8760IPWPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DAC8760IPWPR Datasheet HTML 29Page - Texas Instruments DAC8760IPWPR Datasheet HTML 30Page - Texas Instruments DAC8760IPWPR Datasheet HTML 31Page - Texas Instruments DAC8760IPWPR Datasheet HTML 32Page - Texas Instruments DAC8760IPWPR Datasheet HTML 33Page - Texas Instruments DAC8760IPWPR Datasheet HTML 34Page - Texas Instruments DAC8760IPWPR Datasheet HTML 35Page - Texas Instruments DAC8760IPWPR Datasheet HTML 36Page - Texas Instruments DAC8760IPWPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 69 page
background image
8.3.9 Watchdog Timer
This feature is useful to make sure that communication between the host processor and the DACx760 has not
been lost. Enable the watchdog timer by setting the WDEN bit of the Configuration Register to 1. The watchdog
timeout period can be set using the WDPD bits of the configuration register; see Table 8-3. The timer period is
based off an internal oscillator with a typical value of 8 MHz.
Table 8-3. Watchdog Timeout Period
WDPD BITS
WATCHDOG TIMEOUT PERIOD (Typical, ms)
00
10 ms
01
51 ms
10
102 ms
11
204 ms
If enabled, the chip must have an SPI frame with 0x95 as the write address byte written to the device within the
programmed timeout period. Otherwise, the ALARM pin asserts low and the WD-FLT bit of the status register is
set to 1. The ALARM pin can be asserted low for any of the different conditions, as explained in Section 8.3.8. To
reset the WD-FLT bit to 0, use a software reset, disable the watchdog timer, or power down the device.
8.3.10 Frame Error Checking
If the DACx760 is used in a noisy environment, error checking can be used to check the integrity of SPI data
communication between the device and the host processor. This feature can be enabled by setting the CRCEN
bit of the Configuration Register to 1. The frame error checking scheme is based on the CRC-8-ATM (HEC)
polynomial x8 + x2 + x + 1 (that is, 100000111). When error checking is enabled, the SPI frame width is 32 bits,
as shown in Table 8-4. Start with the default 24-bit frame and enable frame error checking through the CRCEN
bit and switch to the 32-bit frame. The normal 24-bit SPI data are appended with an 8-bit CRC polynomial by the
host processor before feeding it to the device. For a register readback, the CRC polynomial is output on the SDO
pins by the device as part of the 32-bit frame.
Table 8-4. SPI Frame With Frame Error Checking
Enabled
BIT 31:BIT 8
BIT 7:BIT 0
Normal SPI frame data
8-bit CRC polynomial
When in CRC mode, the DACx760 calculates CRC words every 32-clocks, unconditional of when the LATCH pin
toggles. The DACx760 decodes the 32-bit input frame data to compute the CRC remainder. If no error exists in
the frame, the CRC remainder is zero. When the remainder is non-zero (that is, the input frame has single- or
multiple-bit errors), the ALARM pin asserts low and the CRC-FLT bit of the status register is also set to 1. The
ALARM pin can be asserted low for any of the different conditions, as explained in Section 8.3.8. To reset the
CRC-FLT bit to 0, use a software reset command of 0x96, disable the frame error checking, or power down the
device. In the case of a CRC error, the specific SPI frame is blocked from writing to the device.
If CRC mode is enabled on the first frame issued to the device after power up, issue a no operation (NOOP)
command to the device to reset the SPI clock and SPI frame alignment in the event that any transients on the
SCLK line are interpreted as SCLK periods. To issue a NOOP command to the device, simply toggle the LATCH
pin without any SCLK periods.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com