Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8563SDGST Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8563SDGST
Description  DACxx6x Dual 16-, 14-, 12-Bit, Low-Power, Buffered, Voltage-Output DACs With 2.5-V, 4-PPM/°C Internal Reference
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8563SDGST Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8563SDGST Datasheet HTML 5Page - Texas Instruments DAC8563SDGST Datasheet HTML 6Page - Texas Instruments DAC8563SDGST Datasheet HTML 7Page - Texas Instruments DAC8563SDGST Datasheet HTML 8Page - Texas Instruments DAC8563SDGST Datasheet HTML 9Page - Texas Instruments DAC8563SDGST Datasheet HTML 10Page - Texas Instruments DAC8563SDGST Datasheet HTML 11Page - Texas Instruments DAC8563SDGST Datasheet HTML 12Page - Texas Instruments DAC8563SDGST Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
SCLK
SYNC
D
IN
V
x
OUT
DB23
DB0
LDAC
(1)
LDAC
(2)
CLR
t
(2)
t
(6)
t
(9)
t
(10)
t
(8)
t
(5)
t
(3)
t
(12)
t
(13)
t
(14)
t
(11)
t
(1)
t
(4)
t
(7)
DAC7562, DAC7563, DAC8162
DAC8163, DAC8562, DAC8563
www.ti.com
SLAS719E – AUGUST 2010 – REVISED JUNE 2015
7.6 Timing Requirements
(1) (2)
At AVDD = 2.7 V to 5.5 V and over –40°C to 125°C (unless otherwise noted).
DAC756x, DAC816x,
DAC856x
UNIT
MIN
TYP
MAX
f(SCLK)
Serial clock frequency
50
MHz
t(1)
SCLK falling edge to SYNC falling edge (for successful write operation)
10
ns
t(2)
SCLK cycle time
20
ns
t(3)
SYNC rising edge to 23rd SCLK falling edge (for successful SYNC interrupt)
13
ns
t(4)
Minimum SYNC HIGH time
80
ns
t(5)
SYNC to SCLK falling edge setup time
13
ns
t(6)
SCLK LOW time
8
ns
t(7)
SCLK HIGH time
8
ns
t(8)
SCLK falling edge to SYNC rising edge
10
ns
t(9)
Data setup time
6
ns
t(10)
Data hold time
5
ns
t(11)
SCLK falling edge to LDAC falling edge for asynchronous LDAC update mode
5
ns
t(12)
LDAC pulse duration, LOW time
10
ns
t(13)
CLR pulse duration, LOW time
80
ns
t(14)
CLR falling edge to start of VOUT transition
100
ns
(1)
All input signals are specified with tr = tf = 3 ns (10% to 90% of AVDD) and timed from a voltage level of (VIL + VIH) / 2.
(2)
See the Serial Write Operation timing diagram (Figure 1).
(1)
Asynchronous LDAC update mode. For more information, see the LDAC Functionality section.
(2)
Synchronous LDAC update mode; LDAC remains low. For more information, see the LDAC Functionality section.
Figure 1. Serial Write Operation
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC7562 DAC7563 DAC8162 DAC8163 DAC8562 DAC8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com