Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9349-LF Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9349-LF
Description  Quad intelligent power low side switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9349-LF Datasheet(HTML) 5 Page - STMicroelectronics

  L9349-LF Datasheet HTML 1Page - STMicroelectronics L9349-LF Datasheet HTML 2Page - STMicroelectronics L9349-LF Datasheet HTML 3Page - STMicroelectronics L9349-LF Datasheet HTML 4Page - STMicroelectronics L9349-LF Datasheet HTML 5Page - STMicroelectronics L9349-LF Datasheet HTML 6Page - STMicroelectronics L9349-LF Datasheet HTML 7Page - STMicroelectronics L9349-LF Datasheet HTML 8Page - STMicroelectronics L9349-LF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
L9349-LF
Block diagram
5/17
1
Block diagram
Figure 1.
Block diagram
Diagnostic
Control
R
QS
Delay
Time
Overload
Overtemp
Output Control
Openload
52V
R
IO
Channel 4
Channel 1
Channel 2
Channel 3
OUT3
OUT2
OUT4
VS
OUT1
IN1
D1
EN
IN4
D4
IN2
D2
IN3
D3
GND
00AT0025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com