Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9678P-S Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9678P-S
Description  Automotive user configurable airbag and battery cut-off IC
PDF  215 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P-S Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9678P-S Datasheet HTML 35Page - STMicroelectronics L9678P-S Datasheet HTML 36Page - STMicroelectronics L9678P-S Datasheet HTML 37Page - STMicroelectronics L9678P-S Datasheet HTML 38Page - STMicroelectronics L9678P-S Datasheet HTML 39Page - STMicroelectronics L9678P-S Datasheet HTML 40Page - STMicroelectronics L9678P-S Datasheet HTML 41Page - STMicroelectronics L9678P-S Datasheet HTML 42Page - STMicroelectronics L9678P-S Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 215 page
background image
DS11626 Rev 9
39/216
L9678P, L9678P-S
Start-up power control
214
Figure 19. Reset control diagram
GND_ERR is a general fault signal with the purpose of driving the device into POR when
either GNDA or GNDD is shifted more than 300 mV nominal with respect to the reference
ground pins GNDSUB.
GAPGPS01657
POR
SSM_Reset
VDD3V3_ERR
WSM_Reset
RESET (pin)
WD1 RESET state
0.5ms
stretch
VREG_ERR
GND_ERR
VBG_READY
CLKFRERR
VDD5_ERR
SYS_CFG(DIS_VDD5_ERR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com