Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9800-TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9800-TR
Description  Automotive 8-channel LS driver
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9800-TR Datasheet(HTML) 5 Page - STMicroelectronics

  L9800-TR Datasheet HTML 1Page - STMicroelectronics L9800-TR Datasheet HTML 2Page - STMicroelectronics L9800-TR Datasheet HTML 3Page - STMicroelectronics L9800-TR Datasheet HTML 4Page - STMicroelectronics L9800-TR Datasheet HTML 5Page - STMicroelectronics L9800-TR Datasheet HTML 6Page - STMicroelectronics L9800-TR Datasheet HTML 7Page - STMicroelectronics L9800-TR Datasheet HTML 8Page - STMicroelectronics L9800-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Figure 2. Pin configuration (bottom view)
1
6
5
2
4
3
7
12
11
8
10
9
24
19
20
23
21
22
18
13
14
17
15
16
Table 1. Pin description
Pin #
Pin name
Description
I/O type
1
OUT7D
Drain 7
O
2
OUT6D
Drain 6
O
3
OUT56S
Source 5–6
O
4
OUT5D
Drain 5
O
5
NRES
NRES function
I
6
IN1
Parallel command input 1
I
7
IN0
Parallel command input 2
I
8
GND
Ground pin
9
IDLE
Idle function
I
10
VDDIO
IO supply
11
SO
SPI output stream
O
12
CLK
SPI clock
I
13
NCS
SPI chip select
I
14
SI
SPI input stream
I
15
OUT4D
Drain 4
O
16
OUT34S
Source 4
O
17
OUT3D
Drain 3
O
18
DIS
Channel disable
I
19
OUT2D
Drain 2
O
20
OUT12S
Source 1–2
O
21
OUT1D
Drain 1
O
22
VBATT
Battery voltage
23
OUT07S
Source 0–7
O
24
OUT0D
Drain 0
O
L9800
Block diagram and pin description
DS14041 - Rev 2
page 5/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com