Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9733XPTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9733XPTR
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XPTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9733XPTR Datasheet HTML 12Page - STMicroelectronics L9733XPTR Datasheet HTML 13Page - STMicroelectronics L9733XPTR Datasheet HTML 14Page - STMicroelectronics L9733XPTR Datasheet HTML 15Page - STMicroelectronics L9733XPTR Datasheet HTML 16Page - STMicroelectronics L9733XPTR Datasheet HTML 17Page - STMicroelectronics L9733XPTR Datasheet HTML 18Page - STMicroelectronics L9733XPTR Datasheet HTML 19Page - STMicroelectronics L9733XPTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Electrical performance characteristics
L9733
16/35
DocID11319 Rev 12
3.3
SPI characteristics and timings
Tamb= -40 to 125 °C, Vdd = 4.5 to 5.5 Vdc, Vbat = 4.5 to 18 Vdc, unless otherwise specified
Table 8. SPI characteristics and timings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DINCin
Input capacitance
-
-
-
20
pF
SCLKCin
-
-
20
pF
DOrise
Output data (do)
rise time
50 pF from DO to Ground
See Figure 5
-
-
70
ns
DOfall
Output data (do)
fall time
See Figure 5
-
-
70
ns
DOa
Access time
See Figure 6
-
-
350
ns
DOsum
Set up time
See Figure 6
20
-
-
ns
DOhm
Hold time
See Figure 6
10
-
-
ns
DOdis
Output data (DO)
disable time
No Capacitor on DO, See Figure 5
-
-
400
ns
tthFilt
Filter time
All Fault bits are “Set”
5
-
20
s
SCLKwid
SCLK width
See Figure 5, @ fSCLK = 5.4MHz(1)
185
-
-
ns
SCLKlm
SCLK low time
See Figure 5, @ fSCLK = 5.4MHz(1)
58
-
-
ns
SCLKhm
SCLK high time
See Figure 5, @ fSCLK = 5.4MHz(1)
58
-
-
ns
SCLKrise
SCLK rise time
See Figure 5, @ fSCLK = 5.4MHz(1)
-
-
21
ns
SCLKfall
SCLK fall time
See Figure 5, @ fSCLK = 5.4MHz(1)
-
-
21
ns
CSrise
Channel select (CS)
rise time
See Figure 5 (1)
-
-
100
ns
CSfall
Channel select (CS)
fall time
See Figure 5 (1)
-
-
100
ns
CSlead
Channel select (CS)
lead time
See Figure 6 (1)
455
-
-
ns
CSlag
Channel select (CS)
lag time
See Figure 6 (1)
50
-
-
ns
DIrise
Input data (DI)
rise time
See Figure 5, @ fSCLK = 5.4MHz(1)
-
-
30
ns
DIfall
Input data (DI)
fall time
See Figure 5 @ fSCLK = 5.4MHz(1)
-
-
30
ns
DIsus
Input data (DI)
set-up time
See Figure 6, @ fSCLK = 5.4MHz(1)
15
-
-
ns
DIhs
Input data (DI)
hold time
See Figure 6, @ fSCLK = 5.4MHz(1)
10
-
-
ns
CS2SCLK
CS rise to SCLK rise
See Figure 6, @ fSCLK = 5.4MHz(1)
40
-
300
ns
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com