Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9950 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9950
Description  Door actuator driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9950_V01 Datasheet HTML 4Page - STMicroelectronics L9950_V01 Datasheet HTML 5Page - STMicroelectronics L9950_V01 Datasheet HTML 6Page - STMicroelectronics L9950_V01 Datasheet HTML 7Page - STMicroelectronics L9950_V01 Datasheet HTML 8Page - STMicroelectronics L9950_V01 Datasheet HTML 9Page - STMicroelectronics L9950_V01 Datasheet HTML 10Page - STMicroelectronics L9950_V01 Datasheet HTML 11Page - STMicroelectronics L9950_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Block diagram and pin description
L9950 - L9950XP
8/39
Doc ID 10311 Rev 11
Figure 2.
Configuration diagram (top view)
27
PWM1
PWM1 input.
This input signal can be used to control the drivers OUT1-OUT8 and
OUT11 by an external PWM signal.
30
31
33
34
OUT7,
OUT8,
OUT9,
OUT10
Highside driver output 7,8,9,10.
The output is built by a highside switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is over-current and open
load protected.
Table 2.
Pin definitions and functions (continued)
Pin
Symbol
Function
GND 1
OUT11 2
OUT1 3
OUT2 4
OUT3 5
VS 6
VS 7
8
CM/PWM2 9
CSN 10
DO 11
VCC 12
CLK 13
VS 14
VS 15
OUT4 16
OUT4 17
GND 18
DI
GND
36
OUT11
35
OUT10
34
OUT9
33
VS
32
VS
31 OUT8
30
29
VS
28
PWM1
27
CP
26
VS
25
VS
24
VS
23
OUT6
22
OUT5
21
OUT5
20
GND
19
OUT7
Power SO36
Chip
Leadframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com