Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9953
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9953_V01 Datasheet HTML 2Page - STMicroelectronics L9953_V01 Datasheet HTML 3Page - STMicroelectronics L9953_V01 Datasheet HTML 4Page - STMicroelectronics L9953_V01 Datasheet HTML 5Page - STMicroelectronics L9953_V01 Datasheet HTML 6Page - STMicroelectronics L9953_V01 Datasheet HTML 7Page - STMicroelectronics L9953_V01 Datasheet HTML 8Page - STMicroelectronics L9953_V01 Datasheet HTML 9Page - STMicroelectronics L9953_V01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
Block diagram and pin description
L9953 / L9953XP
6/38
Doc ID 14278 Rev 4
1
Block diagram and pin description
Figure 1.
Block diagram
Table 2.
Pin definitions and functions
Pin
Symbol
Function
1, 18, 19, 36
GND
Ground:
Reference potential
Important: for the capability of driving the full current at the outputs all
pins of GND must be externally connected.
2, 35
OUT8
Highside driver output 8
The output is built by a highside switch and is intended for resistive
loads, hence the internal reverse diode from GND to the output is
missing. For ESD reason a diode to GND is present but the energy
which can be dissipated is limited. The highside driver is a power
DMOS transistor with an internal parasitic reverse diode from the
output to VS (bulk-drain-diode). The output is over-current and open
load protected.
Important: for the capability of driving the full current at the outputs both
pins of OUT8 must be externally connected.
3
4
5
OUT1
OUT2
OUT3
Half-bridge-output 1,2,3
The output is built by a highside and a lowside switch, which are
internally connected. The output stage of both switches is a power
DMOS transistor. Each driver has an internal parasitic reverse diode
(bulk-drain-diode: highside driver from output to VS, lowside driver from
GND to output). This output is over-current and open load protected.
OU T 1
OU T 2
OU T 3
OU T 4
OU T 5
OU T 8
M
M
M
Ch a rg e
Pu m p
PW M 2 / C M
CS N
CL K
DO
DI
VS
VC C
VCC
V
BAT
µC
GN D
Mirro r C o mmo n
M irro r V e rtic a l
M irror H o riz o nta l
Loc k / F o lder
1k
MU X
4
D e fro s te r
PW M 1
OU T 6
OU T 7
1k
1k
1k
1k
1k
* N o te : Value of c apac itor ha s to be c hoos e n c a re fu lly to lim it the VS v o ltage b e lo w abs olute
m a x im u m ra tings in c a s e of a n unex pe c ted free w h ee ling c o n d itio n (e .g . TS D , P O R )
*
* * N o te : R e s is tors b e tw een µC and L99 53 ar e re c o m m ended to lim it c u rre n ts
fo r negativ e v o lta ge tra n s i e n ts at VB AT (e .g . IS O ty pe 1 puls e )
R ev e rs e P o la rit y
P rot e c tion
**
**
**
**
**
**
100µ F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com