Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9953TR Datasheet(PDF) 24 Page - STMicroelectronics

Part # L9953TR
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953TR Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L9953TR Datasheet HTML 20Page - STMicroelectronics L9953TR Datasheet HTML 21Page - STMicroelectronics L9953TR Datasheet HTML 22Page - STMicroelectronics L9953TR Datasheet HTML 23Page - STMicroelectronics L9953TR Datasheet HTML 24Page - STMicroelectronics L9953TR Datasheet HTML 25Page - STMicroelectronics L9953TR Datasheet HTML 26Page - STMicroelectronics L9953TR Datasheet HTML 27Page - STMicroelectronics L9953TR Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Functional description of the SPI
L9953 / L9953XP
24/38
Doc ID 14278 Rev 4
4.4
Serial Data Out (DO)
The data output driver is activated by a logical low level at the CSN input and will go from
high impedance to a low or high level depending on the status bit 0 (fault condition). The first
rising edge of the CLK input after a high to low transition of the CSN pin will transfer the
content of the selected status register into the data out shift register. Each subsequent
falling edge of the CLK will shift the next bit out.
4.5
Serial clock (CLK)
The CLK input is used to synchronize the input and output serial bit streams. The data input
(DI) is sampled at the rising edge of the CLK and the data output (DO) will change with the
falling edge of the CLK signal.
4.6
Input data register
The device has two input registers. The first bit (bit 0) at the DI-input is used to select one of
the two Input Registers. All bits are first shifted into an input shift register. After the rising
edge of CSN the contents of the input shift register will be written to the selected Input Data
Register only if a frame of exact 24 data bits are detected. Depending on bit 0 the contents
of the selected status register will be transferred to DO during the current communication
frame. Bit 1-17 controls the behavior of the corresponding driver.
If bit 23 is zero, the device will go into the standby-mode. The bits 18 and 19 are used to
control the current monitor multiplexer. Bit 22 is used to reset all status bits in both status
registers. The bits in the status registers will be cleared after the current communication
frame (rising edge of CSN).
4.7
Status register
This devices uses two status registers to store and to monitor the state of the device. Bit 0 is
used as a fault bit and is a logical-NOR combination of bits 1-22 in both status registers. The
state of this bit can be polled by the microcontroller without the need of a full SPI-
communication cycle. If one of the over-current bits is set, the corresponding driver will be
disabled. If the over-current recovery bit of the output is not set the microcontroller has to
clear the over-current bit to enable the driver. If the thermal shutdown bit is set, all drivers
will go into a high impedance state. Again the microcontroller has to clear the bit to enable
the drivers.
4.8
Scan mode
The Scan Mode can be entered by rising the PWM1 input to a voltage higher than 9.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com