Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9954XP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9954XP
Description  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XP Datasheet(HTML) 1 Page - STMicroelectronics

  L9954XP Datasheet HTML 1Page - STMicroelectronics L9954XP Datasheet HTML 2Page - STMicroelectronics L9954XP Datasheet HTML 3Page - STMicroelectronics L9954XP Datasheet HTML 4Page - STMicroelectronics L9954XP Datasheet HTML 5Page - STMicroelectronics L9954XP Datasheet HTML 6Page - STMicroelectronics L9954XP Datasheet HTML 7Page - STMicroelectronics L9954XP Datasheet HTML 8Page - STMicroelectronics L9954XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
September 2013
Doc ID 14279 Rev 4
1/37
1
L9954
L9954XP
Door actuator driver
Features
■
Three half bridges for 1.5A load (Ron=800mΩ)
■
One highside driver for 6A load (Ron=100mΩ)
■
Two highside drivers for 1.5A load (Ron=800mΩ)
■
Programmable softstart function to drive loads
with higher inrush currents (i.e. current >6A,
>1.5A)
■
Very low current consumption in standby mode
(IS < 6µA typ; Tj ≤ 85 °C)
■
All outputs short circuit protected
■
Current monitor output for highside OUT1,
OUT4, OUT5 and OUT6
■
All outputs over temperature protected
■
Open load diagnostic for all outputs
■
Overload diagnostic for all outputs
■
PWM control of all outputs
■
Charge pump output for reverse polarity
protection
Applications
■
Door actuator driver with bridges for mirror axis
control and highside driver for mirror defroster
and two 10W-light bulbs.
Description
The L9954 and L9954XP are microcontroller
driven, multifunctional door actuator drivers for
automotive applications. Up to two DC motors
and three grounded resistive loads can be driven
with three half bridges and three highside drivers.
The integrated standard serial peripheral interface
(SPI) controls all operation modes (forward,
reverse, brake and high impedance). All
diagnostic information is available via the SPI.
PowerSO-36
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-36
L9954
L9954TR
PowerSSO-36
L9954XP
L9954XPTR
www.st.com


Similar Part No. - L9954XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9954XP STMICROELECTRONICS-L9954XP Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L9954XP STMICROELECTRONICS-L9954XP Datasheet
1Mb / 22P
for car body applications
Oct-2013
L9954XPTR STMICROELECTRONICS-L9954XPTR Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
More results

Similar Description - L9954XP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com