Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902W Datasheet(PDF) 19 Page - STMicroelectronics

Part # LM2902W
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902W Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LM2902W Datasheet HTML 12Page - STMicroelectronics LM2902W Datasheet HTML 13Page - STMicroelectronics LM2902W Datasheet HTML 14Page - STMicroelectronics LM2902W Datasheet HTML 15Page - STMicroelectronics LM2902W Datasheet HTML 16Page - STMicroelectronics LM2902W Datasheet HTML 17Page - STMicroelectronics LM2902W Datasheet HTML 18Page - STMicroelectronics LM2902W Datasheet HTML 19Page - STMicroelectronics LM2902W Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Revision history
Table 7. Document revision history
Date
Revision
Changes
01-Sep-2003
1
Initial release.
01-Nov-2005
2
Table data reformatted for easier use in Electrical characteristics on page 4.
Minor grammatical and formatting changes throughout.
01-Jan-2006
3
LM2902WYPT PPAP reference inserted in order codes table, see Section 7 on page 16.
01-May-2006
4
Minimum value of slew rate at 25°C and on full temperature range added in Table 3 on page 5.
20-Jul-2007
5
Corrected document title to “quad operational amplifier”.
Corrected ESD value for HBM to 800V.
Corrected thermal resistance junction to ambient values in Table 1: Absolute maximum ratings.
Updated electrical characteristics curves.
Added Section 5: Macromodel.
Added automotive grade order codes in Section 7 on page 16.
15-Jan-2008
6
Corrected footnotes for automotive grade order codes.
17-Oct-2008
7
Added enhanced Vio version: LM2902AW.
Corrected VOH min parameter at Vcc=5V in Table 3 on page 5.
16-Feb-2012
8
Modified Chapter 5: Macromodel.
Deleted LM2902WYD and LM2902AWYD order codes from Table 7 and modified status of
LM2902WYPT and LM2902AWYPT order codes.
22-Jul-2013
9
Table 3: DVio replaced with ΔVio/ΔT
Table 7: Removed the order codes LM2902WN and LM2902WD; replaced the order codes
LM2902WDT and LM2902AWDT with LM2902WYDT and LM2902AWYDT respectively.
19-Feb-2016
10
Updated layout.
Removed DIP14 package and all information pertaining to it
Removed “D, plastic micropackage” and “P, thin shrink small outline package” respectively from the
SO14 and TSSOP14 silhouettes.
Section 8.1: "SO14 package information": replaced SO14 package outline and mechanical data.
Section 8.2: "TSSOP14 package information": updated E1 max mm value, L1 value, and added
"aaa" information.
Table 6: "Order codes": added order code LM2902WDT.
17-Mar-2025
11
Added new Figure 19, Figure 20, Figure 21 and Figure 22.
LM2902W
DS3575 - Rev 11
page 19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com