Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DH Datasheet(PDF) 9 Page - STMicroelectronics

Part # MP23AB01DH
Description  High-performance MEMS audio sensor: fully differential analog bottom-port microphone
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button MP23AB01DH_V01 Datasheet HTML 4Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 5Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 6Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 7Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 8Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 9Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 10Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 11Page - STMicroelectronics MP23AB01DH_V01 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP23AB01DH
Package information
DocID030017 Rev 2
9/12
5.2
RHLGA 4-lead package information
Figure 5: RHLGA metal cap 4-lead (3.35 x 2.5 x 0.98 mm) package outline and mechanical
dimensions
Dimensions are in millimeter unless otherwise specified
General Tolerance is +/-0.15mm unless otherwise specified
OUTER DIMENSIONS
ITEM
DIMENSION [mm]
TOLERANCE [mm]
1
.
0
±
5
3
.
3
]
L
[
h
t
g
n
e
L
1
.
0
±
5
.
2
]
W
[
h
t
d
i
W
1
.
0
±
8
9
.
0
]
H
[
t
h
g
i
e
H
5
0
.
0
±
5
3
.
0
Ø
]
P
A
[
t
r
o
p
d
n
u
o
S
8573114_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com