Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2902WYPT Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2902WYPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902WYPT Datasheet(HTML) 4 Page - STMicroelectronics

  LM2902WYPT Datasheet HTML 1Page - STMicroelectronics LM2902WYPT Datasheet HTML 2Page - STMicroelectronics LM2902WYPT Datasheet HTML 3Page - STMicroelectronics LM2902WYPT Datasheet HTML 4Page - STMicroelectronics LM2902WYPT Datasheet HTML 5Page - STMicroelectronics LM2902WYPT Datasheet HTML 6Page - STMicroelectronics LM2902WYPT Datasheet HTML 7Page - STMicroelectronics LM2902WYPT Datasheet HTML 8Page - STMicroelectronics LM2902WYPT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
3
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±16 to 32
V
Vid
Differential input voltage
32
Vi
Input voltage
-0.3 to (VCC +) + 0.3
Output short-circuit to ground (1)
Infinite
Iin
Input current (2)
50
mA
Tstg
Storage temperature range
-65 to 150
°C
Rthja
Thermal resistance junction to ambient (3)
SO14
105
°C/W
TSSOP14
100
Rthjc
Thermal resistance junction to case (3)
SO14
31
TSSOP14
32
ESD
HBM: human body model (4)
800
V
MM: machine model (5)
100
CDM: charged device model (6)
1500
1. Short-circuits from the output to VCC + can cause excessive heating and potential destruction. The maximum output current
is approximately 20 mA, independent of the magnitude of VCC +
2. This input current only exists when the voltage at any of the input leads is driven negative. It is due to the collector-base
junction of the input PNP transistor becoming forward biased and thereby acting as an input diode clamp. In addition to this
diode action, there is also NPN parasitic action on the IC chip. This transistor action can cause the output voltages of the op
amps to go to the VCC voltage level (or to ground for a large overdrive) for the time during which an input is driven negative.
This is not destructive and normal output is restored for input voltages higher than -0.3 V.
3. Rthja/c are typical values.
4. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
5. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
6. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
3 to 30
V
Vicm
Common mode input voltage range
(VCC -) to (VCC +) - 1.5
Tmin ≤ Tamb ≤ Tmax
(VCC -) to (VCC +) - 2
Toper
Operating free-air temperature range
-40 to 125
°C
LM2902W
Absolute maximum ratings and operating conditions
DS3575 - Rev 11
page 4/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com