Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP23AB01DMTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # MP23AB01DMTR
Description  High-performance MEMS audio sensor: fully differential analog bottom-port microphone
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP23AB01DMTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MP23AB01DMTR Datasheet HTML 5Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 6Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 7Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 8Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 9Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 10Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 11Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 12Page - STMicroelectronics MP23AB01DMTR Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
MP23AB01DM
10/13
DocID029230 Rev 1
Table 7. RHLGA metal cap 4-lead (3.35 x 2.5 x 0.98 mm) package mechanical data
Reference
Dimensions (mm)
Min.
Typ.
Max.
A
0.88
0.98
1.08
A1
0.00
-
0.025
A3
0.21
0.25
0.29
b
0.63
0.73
0.83
D
3.25
3.35
3.45
D2
0.495
0.595
0.695
D3
2.94
3.04
3.14
E
2.4
2.5
2.6
E3
2.09
2.19
2.29
e1
1.18
1.33
1.48
e2
1.41
1.56
1.71
e3
0.95
1.1
1.25
e4
-
0.18
-
G1
0.20
0.25
0.30
G2
0.8
0.95
1.1
G3
1.4
1.55
1.7
L
0.43
0.53
0.63
R1
-
0.28
-
R2
-
0.25
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com