Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA326 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA326
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA326 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA326 Datasheet HTML 34Page - STMicroelectronics STA326 Datasheet HTML 35Page - STMicroelectronics STA326 Datasheet HTML 36Page - STMicroelectronics STA326 Datasheet HTML 37Page - STMicroelectronics STA326 Datasheet HTML 38Page - STMicroelectronics STA326 Datasheet HTML 39Page - STMicroelectronics STA326 Datasheet HTML 40Page - STMicroelectronics STA326 Datasheet HTML 41Page - STMicroelectronics STA326 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Register description
STA326
38/64
DocID11531 Rev 9
7.8
Automode registers
7.8.1
Automodes EQ, volume, GC (addr 0x0B)
By setting AMEQ to any setting other than 00 enables Automode EQ where biquads 1-4 are
not user programmable. Any coefficient settings for these biquads are ignored. Also when
Automode EQ is used the prescale value for channels 1-2 becomes hard-set to -18 dB.
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
Reserved
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
1
0
0
0
0
0
0
0
Table 48. Automode EQ
AMEQ[1,0]
Mode (biquad 1-4)
00
User programmable
01
Preset EQ - PEQ bits
10
Auto volume controlled loudness curve
11
Not used
Table 49. Automode volume
AMV[1,0]
Mode (MVOL)
00
MVOL 0.5 dB 256 steps (standard)
01
MVOL auto curve 30 steps
10
MVOL auto curve 40 steps
11
MVOL auto curve 50 steps
Table 50. Automode gain compression/limiters
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping
10
AC limited clipping (10%)
11
DRC nighttime listening mode
Table 51. AMPS - Automode auto prescale
Bit
R/W
RST
Name
Description
7
RW
1
AMPS
Automode prescale
0: -18 dB used for prescale when AMEQ neq 00
1: user-defined prescale when AMEQ neq 00
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com