Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA32613TR Datasheet(PDF) 39 Page - STMicroelectronics

Part # STA32613TR
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 35Page - STMicroelectronics STA32613TR Datasheet HTML 36Page - STMicroelectronics STA32613TR Datasheet HTML 37Page - STMicroelectronics STA32613TR Datasheet HTML 38Page - STMicroelectronics STA32613TR Datasheet HTML 39Page - STMicroelectronics STA32613TR Datasheet HTML 40Page - STMicroelectronics STA32613TR Datasheet HTML 41Page - STMicroelectronics STA32613TR Datasheet HTML 42Page - STMicroelectronics STA32613TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
DocID11531 Rev 9
39/64
STA326
Register description
64
7.8.2
Automode AM/prescale/bass management scale (addr 0x0C)
n
When DDX® is used concurrently with an AM radio tuner, it is advisable to use the AMAM
bits to automatically adjust the output PWM switching rate dependent upon the specific
radio frequency that the tuner is receiving. The values used in AMAM are also dependent
upon the sample rate determined by the ADC used.
D7
D6
D5
D4
D3
D2
D1
D0
XO3
XO2
XO1
XO0
AMAM2
AMAM1
AMAM0
AMAME
00000000
Table 52. Automode AM switching enable
Bit
R/W
RST
Name
Description
0
RW
0
AMAME
Automode AM enable
0: switching frequency determined by PWMS setting
1: switching frequency determined by AMAM settings
3:1
RW
000
AMAM[2:0]
AM switching frequency setting
000: default
Table 53. Automode AM switching frequency selection
AMAM[2:0]
48 kHz/96 kHz input fs
44.1 kHz/88.2 kHz input fs
000
0.535 MHz -0.720 MHz
0.535 MHz -0.670 MHz
001
0.721 MHz -0.900 MHz
0.671 MHz -0.800 MHz
010
0.901 MHz -1.100 MHz
0.801 MHz -1.000 MHz
011
1.101 MHz -1.300 MHz
1.001 MHz -1.180 MHz
100
1.301 MHz -1.480 MHz
1.181 MHz -1.340 MHz
101
1.481 MHz -1.600 MHz
1.341 MHz -1.500 MHz
110
1.601 MHz -1.700 MHz
1.501 MHz - 1.700 MHz
Table 54. Automode crossover setting
Bit
R/W
RST
Name
Description
7:4
RW
0
XO[3:0]
Automode crossover frequency selection
000: user-defined crossover coefficients are used
Otherwise: preset coefficients for the crossover setting
desired
Table 55. Crossover frequency selection
XO[2:0]
Bass management - Crossover frequency
0000
User
0001
80 Hz
0010
100 Hz
0011
120 Hz
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com