Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333IS Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA333IS
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA333IS_V01 Datasheet HTML 17Page - STMicroelectronics STA333IS_V01 Datasheet HTML 18Page - STMicroelectronics STA333IS_V01 Datasheet HTML 19Page - STMicroelectronics STA333IS_V01 Datasheet HTML 20Page - STMicroelectronics STA333IS_V01 Datasheet HTML 21Page - STMicroelectronics STA333IS_V01 Datasheet HTML 22Page - STMicroelectronics STA333IS_V01 Datasheet HTML 23Page - STMicroelectronics STA333IS_V01 Datasheet HTML 24Page - STMicroelectronics STA333IS_V01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID022855 Rev 4
21/43
STA333IS
Register description
Interpolation ratio select
The STA333IS has variable interpolation (oversampling) settings such that internal
processing and FFX output rates remain consistent. The first processing block interpolates
by either 2 times or 1 time (pass-through) or provides a 2-time downsampling. The
oversampling ratio of this interpolation is determined by the IR bits.
Thermal warning recovery bypass
If the thermal warning adjustment is enabled (TWAB = 0), then the thermal warning recovery
determines if the -3 dB output limit is removed when thermal warning is negative.
If TWRB = 0 and TWAB = 0, then when a thermal warning disappears, the -3 dB output limit
is removed and the gain is added back to the system. If TWRB = 1 and TWAB = 0, then
when a thermal warning disappears, the -3 dB output limit remains until TWRB is changed
to zero or the device is reset.
Table 11. Interpolation ratio select
Bit
R/W
RST
Name
Description
4:3
R/W
00
IR [1:0]
Interpolation ratio select: Selects internal
interpolation ratio based on input I2S sampling
frequency.
Table 12. IR bit settings as a function of input sampling rate
Input sampling rate fS (kHz)
IR
1st stage interpolation ratio
32
00
2-time oversampling
44.1
00
2-time oversampling
48
00
2-time oversampling
88.2
01
Pass-through
96
01
Pass-through
176.2
10
2-time downsampling
192
10
2-time downsampling
Table 13. Thermal warning recovery
Bit
R/W
RST
Name
Description
5R/W
1TWRB
Thermal warning recovery bypass:
0: thermal warning recovery enabled
1: thermal warning recovery disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com