Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333W Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA333W Datasheet HTML 9Page - STMicroelectronics STA333W Datasheet HTML 10Page - STMicroelectronics STA333W Datasheet HTML 11Page - STMicroelectronics STA333W Datasheet HTML 12Page - STMicroelectronics STA333W Datasheet HTML 13Page - STMicroelectronics STA333W Datasheet HTML 14Page - STMicroelectronics STA333W Datasheet HTML 15Page - STMicroelectronics STA333W Datasheet HTML 16Page - STMicroelectronics STA333W Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
DocID13365 Rev 3
13/50
STA333W
Electrical specification
50
tf
Fall time
Resistive load,
refer to Figure 5
-8
10
ns
VCC
Supply voltage
-
4.5
-
20
V
IVCC
Supply current from VCC in
power down
PWRDN = 0
30
60
200
µA
Supply current from VCC in
operation
PCM input signal = -60 dBfs
Switching frequency =
384 kHz
No LC filters
-
3050mA
IVDD_DIG
Supply current for DDX
processing (reference only)
Internal clock = 49.152 MHz
10
30
50
mA
Supply current in standby
-
8
11
25
mA
ILIM
Overcurrent limit
Non-linear output (1)
2.2
3.5
4.3
A
ISCP
Short-circuit protection
High-impedance output (2)
2.7
3.8
5.0
A
VUVP
Undervoltage protection
threshold
--
3.5
4.3
V
tmin
Output minimum pulse
width
No load
20
30
60
ns
THD+N
Total harmonic distortion
and noise
DXX stereo mode, Po = 1 W,
f = 1 kHz
-
0.05
0.2
%
DR
Dynamic range
-
-
100
-
dB
SNR
Signal to noise ratio in
ternary mode
A-weighted
-
100
-
dB
Signal to noise ratio in
binary mode
A-weighted
-
90
-
PSRR
Power supply rejection ratio
DXX stereo mode, < 5 kHz,
VRIPPLE = 1 V RMS
audio input = dither only
-80
-
dB
XTALK
Crosstalk
DXX stereo mode, < 5 kHz,
One channel driven at 1 W
the other channel measured
-80
-
dB
Peak efficiency
in DXX mode
Po = 2 x 20 W into 8
-90
-
%
1.
The ILIM data is for 1 channel of BTL configuration, thus, 2 * ILIM drives the 2-channel BTL configuration.
The current limit is active when OCRB = 0 (see Table 23: Overcurrent warning detect adjustment bypass
on page 28. When OCRB = 1 then ISC applies.
2.
The ISCP current limit data is for 1 channel of BTL configuration, thus, 2 * ISCP drives the 2-channel BTL
configuration. The short-circuit current is applicable when OCRB = 1 (see Table 23: Overcurrent warning
detect adjustment bypass on page 28.
Table 7. Electrical specifications for power section (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com