Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA339BWS13TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STA339BWS13TR
Description  2.1-channel 40-watt high-efficiency digital system Sound Terminal
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BWS13TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STA339BWS13TR Datasheet HTML 65Page - STMicroelectronics STA339BWS13TR Datasheet HTML 66Page - STMicroelectronics STA339BWS13TR Datasheet HTML 67Page - STMicroelectronics STA339BWS13TR Datasheet HTML 68Page - STMicroelectronics STA339BWS13TR Datasheet HTML 69Page - STMicroelectronics STA339BWS13TR Datasheet HTML 70Page - STMicroelectronics STA339BWS13TR Datasheet HTML 71Page - STMicroelectronics STA339BWS13TR Datasheet HTML 72Page - STMicroelectronics STA339BWS13TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 79 page
background image
DocID015276 Rev 9
69/79
STA339BWS
Register description
79
Figure 21. EQDRC scheme
Extended postscale range
Postscale is an attenuation by default. When PS48DB is set to 1, an offset of 48 dB is
applied to the configured word, so postscale can act as a gain too.
Extended attack rate
The attack rate shown in Table 66 can be extended to provide up to 8 dB/ms attack rate on
both limiters.
Extended biquad selector
De-emphasis filter as well as bass and treble controls can be configured as user defined
filters when equalization coefficients link is activated (BQL = 1) and the corresponding BQx
bit is set to 1.
Table 77. Bit PS48DB description
PS48DB
Mode
0
Postscale value is applied as defined in coefficient RAM
1
Postscale value is applied with offset of +48 dB with respect to the coefficient
RAM value
Table 78. Bit XAR1 description
XAR1
Mode
0
Limiter1 attack rate is configured using Table 66
1
Limiter1 attack rate is 8 dB/ms
Table 79. Bit XAR2 description
XAR2
Mode
0
Limiter2 attack rate is configured using Table 66
1
Limiter2 attack rate is 8 dB/ms
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION
Channel In
Channel In
BIQUAD
EQDRC
Standard DRC
Channel In
Channel In
BIQUAD
BIQUAD
PEAK
DETECTOR
PEAK
DETECTOR
ATTENUATION
CLACULATOR
ATTENUATION
CLACULATOR
ATTENUATION
ATTENUATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com