Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA380WS13TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA380WS13TR
Description  Sound Terminal 2-channel high-efficiency digital audio system
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA380WS13TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA380WS13TR Datasheet HTML 28Page - STMicroelectronics STA380WS13TR Datasheet HTML 29Page - STMicroelectronics STA380WS13TR Datasheet HTML 30Page - STMicroelectronics STA380WS13TR Datasheet HTML 31Page - STMicroelectronics STA380WS13TR Datasheet HTML 32Page - STMicroelectronics STA380WS13TR Datasheet HTML 33Page - STMicroelectronics STA380WS13TR Datasheet HTML 34Page - STMicroelectronics STA380WS13TR Datasheet HTML 35Page - STMicroelectronics STA380WS13TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Register description
STA380WS
32/48
DocID024426 Rev 1
LRCK double trigger protection
Actively prevents double triggering of LRCLK.
Auto EAPD on clock loss
When active, will issue a power stage device power-down signal (EAPD) on clock loss
detection.
IC power-down
The PWDN register is used to put the IC in a low-power state. When PWDN is 0, the output
begins a soft-mute. After the mute condition is reached, EAPD is asserted to power down
the power stage, then the master clock to all internal hardware except the I2C block is gated.
This puts the IC in a very low power consumption state.
External amplifier power-down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed in a low-power state (disabled).
Table 35. LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 36. Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss
Table 37. Power-down
Bit
R/W
RST
Name
Description
6
R/W
1
PWDN
0: power-down, low-power condition
1: normal operation
Table 38. External amplifier power-down
Bit
R/W
RST
Name
Description
7
R/W
1
EAPD
0: external power stage power-down active
1: normal operation
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com