Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN5E010AH Datasheet(PDF) 28 Page - STMicroelectronics

Part # VN5E010AH
Description  10 m high-side driver with analog current sense for automotive applications
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E010AH Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VN5E010AH Datasheet HTML 24Page - STMicroelectronics VN5E010AH Datasheet HTML 25Page - STMicroelectronics VN5E010AH Datasheet HTML 26Page - STMicroelectronics VN5E010AH Datasheet HTML 27Page - STMicroelectronics VN5E010AH Datasheet HTML 28Page - STMicroelectronics VN5E010AH Datasheet HTML 29Page - STMicroelectronics VN5E010AH Datasheet HTML 30Page - STMicroelectronics VN5E010AH Datasheet HTML 31Page - STMicroelectronics VN5E010AH Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Package and PC board thermal data
VN5E010AH
28/37
Doc ID 15984 Rev 3
4
Package and PC board thermal data
4.1
HPAK thermal data
Figure 35. PC board(1)
1. Layout condition of Rth and Zth measurements (PCB FR4 area = 58 mm x 58 mm,
PCB thickness =1.8 mm, Cu thickness = 70 µm, Copper areas: from minimum pad lay-out to 8 cm2).
Figure 36. Rthj-amb vs. PCB copper area in open box free air condition
30
35
40
45
50
55
60
65
70
02
46
8
10
RTHj_amb(°C/W)
PCB Cu heatsink area (cm^2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com