Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW80PI200 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYW80PI200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80PI200 Datasheet(HTML) 4 Page - STMicroelectronics

  BYW80PI200 Datasheet HTML 1Page - STMicroelectronics BYW80PI200 Datasheet HTML 2Page - STMicroelectronics BYW80PI200 Datasheet HTML 3Page - STMicroelectronics BYW80PI200 Datasheet HTML 4Page - STMicroelectronics BYW80PI200 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
C(pF)
VR(V)
Fig.7 : Junction capacitance versus reverse
voltage applied (Typical values).
QRR(nC)
90% CONFIDENCE
Tj=125
C
o
IF=IF(av)
dIF/dt(A/us)
Fig.8 : Recovery charges versus dIF/dt.
Tj(
C)
QRR ;IRM[Tj]/QRR;IRM[Tj=125 C]
IRM
QRR
o
O
Fig.10 : Dynamic parameters versus junction
temperature.
I RM(A)
90% CONFIDENCE
Tj=125
C
o
IF=IF(av)
dIF/dt(A/us)
Fig.9 : Peak reverse current versus dIF/dt.
BYW80PI-200
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com