Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN610SP_V01 Datasheet HTML 3Page - STMicroelectronics VN610SP_V01 Datasheet HTML 4Page - STMicroelectronics VN610SP_V01 Datasheet HTML 5Page - STMicroelectronics VN610SP_V01 Datasheet HTML 6Page - STMicroelectronics VN610SP_V01 Datasheet HTML 7Page - STMicroelectronics VN610SP_V01 Datasheet HTML 8Page - STMicroelectronics VN610SP_V01 Datasheet HTML 9Page - STMicroelectronics VN610SP_V01 Datasheet HTML 10Page - STMicroelectronics VN610SP_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
VN610SP
Electrical specifications
Doc ID 6236
Rev 5
7/26
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8V < VCC < 36V; -40°C < Tj < 150°C, unless
otherwise stated.
Symbol
Parameter
Value
Unit
EMAX
Maximum switching energy
(L = 0.05mH; RL = 0Ω; Vbat = 13.5V; Tjstart = 150ºC; IL = 75A)
193
mJ
Ptot
Power dissipation at Tc ≤ 25°C
139
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Table 4.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance junction-case
0.9
°C/W
Rthj-amb
Thermal resistance junction-ambient
50.9(1)
1. When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35 µm thick).
36(2)
2. When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35 µm thick).
°C/W
Table 5.
Power
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
VCC
Operating supply
voltage
5.5
13
36
V
VUSD
Under-voltage shutdown
3
4
5.5
V
VOV
Over-voltage shutdown
36
V
RON
On-state resistance
IOUT = 1.5A; Tj = 25°C
IOUT = 1.5A; Tj = 150°C
IOUT = 9A; VCC = 6V
10
20
35
m
Ω
m
Ω
m
Ω
Vclamp
Clamp voltage
ICC = 20mA
(1)
41
48
55
V
IS
(1)
Supply current
Off-state; VCC=13V; VIN=VOUT=0V
Off-state; VCC=13V; VIN=VOUT=0V;
Tj=25°C
On-state; VIN = 5V; VCC = 13V;
IOUT = 0A; RSENSE = 3.9kΩ
10
10
25
20
5
µA
mA
mA
IL(off1)
Off-state output current
VIN = VOUT = 0V
0
50
µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com