Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920DSP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN920DSP
Description  HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP Datasheet(HTML) 3 Page - STMicroelectronics

  VN920DSP_V01 Datasheet HTML 1Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 2Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 3Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 4Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 5Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 6Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 7Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 8Page - STMicroelectronics VN920DSP_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3/19
VN920DSP
Figure 3. Configuration Diagram (Top View) & Suggested Connections for Unused and N.C. Pins
Figure 4. Current and Voltage Conventions
Table 4. Thermal Data
Note: (1)
When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick).
Note: (2) When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35
µm thick).
Symbol
Parameter
Value
Unit
Rthj-case
Thermal Resistance Junction-case
Max
1.3
°C/W
Rthj-amb
Thermal Resistance Junction-ambient
Max
51.3 (1)
37 (2)
°C/W
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
N.C.
OUTPUT
OUTPUT
GROUND
INPUT
STATUS
N.C.
N.C.
VCC
Connection / Pin
Status
N.C.
Output
Input
Floating
X
X
X
X
To Ground
X
Through 10K
Ω resistor
IS
IGND
VCC
VCC
VSENSE
OUTPUT
IOUT
CURRENT SENSE
ISENSE
INPUT
IIN
VIN
VOUT
GND
VF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com