Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN820PT Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN820PT
Description  High-side driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN820PT Datasheet(HTML) 1 Page - STMicroelectronics

  VN820PT Datasheet HTML 1Page - STMicroelectronics VN820PT Datasheet HTML 2Page - STMicroelectronics VN820PT Datasheet HTML 3Page - STMicroelectronics VN820PT Datasheet HTML 4Page - STMicroelectronics VN820PT Datasheet HTML 5Page - STMicroelectronics VN820PT Datasheet HTML 6Page - STMicroelectronics VN820PT Datasheet HTML 7Page - STMicroelectronics VN820PT Datasheet HTML 8Page - STMicroelectronics VN820PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
This is information on a product in full production.
September 2013
Doc ID 7370 Rev. 6
1/43
1
VN820
High-side driver
Datasheet
− production data
Features
■
Very low standby current
■
CMOS compatible input
■
On-state open-load detection
■
Off-state open-load detection
■
Thermal shutdown protection and diagnosis
■
Undervoltage shutdown
■
Overvoltage clamp
■
Output stuck to VCC detection
■
Load current limitation
■
Reverse battery protection
■
Electrostatic discharge protection
Description
The VN820 is a monolithic device designed in
STMicroelectronic's VIPower® M0-3 technology.
The VN820 is intended for driving any type of load
with one side connected to ground. The active
VCC pin voltage clamp protects the device against
low energy spikes.
Active current limitation combined with thermal
shutdown and automatic restart protects the
device against over-load. The device detects the
open-load condition in both the on-state and off-
state. In the off-state the device detects if the
output is shorted to VCC. The device automatically
turns off in the case where the ground pin
becomes disconnected.
Type
RDS(on)
IOUT
VCC
VN820
VN820SP
VN820-B5
VN820PT
40 m
Ω
9A
36 V
PENTAWATT
P2PAK
1
10
PowerSO-10
PPAK
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PENTAWATT
VN820
—
PowerSO-10
VN820SP
VN820SP13TR
P2PAK
VN820-B5
VN820-B513TR
PPAK
VN820PT
VN820PT13TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VN820PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN820PT STMICROELECTRONICS-VN820PT Datasheet
692Kb / 34P
HIGH SIDE DRIVER
rev. A
VN820PT STMICROELECTRONICS-VN820PT Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN820PT STMICROELECTRONICS-VN820PT Datasheet
624Kb / 43P
High-side driver
06-Jun-2012
VN820PT-E STMICROELECTRONICS-VN820PT-E Datasheet
578Kb / 38P
HIGH SIDE DRIVER
Feb-2005
VN820PT-E STMICROELECTRONICS-VN820PT-E Datasheet
814Kb / 44P
High-side driver
24-Sep-2013
More results

Similar Description - VN820PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com