Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV103 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAV103
Description  High Voltage, General Purpose Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV103 Datasheet(HTML) 4 Page - ON Semiconductor

  BAV103 Datasheet HTML 1Page - ON Semiconductor BAV103 Datasheet HTML 2Page - ON Semiconductor BAV103 Datasheet HTML 3Page - ON Semiconductor BAV103 Datasheet HTML 4Page - ON Semiconductor BAV103 Datasheet HTML 5Page - ON Semiconductor BAV103 Datasheet HTML 6Page - ON Semiconductor BAV103 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.1.0
3
Typical Performance Characteristics
Figure 1. Forward Current Derating Curve
Figure 2. Forward Charateristics
Figure 3. Reverse Characteristics
Figure 4. Non-Repetitive Surge Current
Figure 5. Junction Capacitance
050
100
150
0
2
4
6
8
MOUNTED ON PC BOARD,
TA 0.5" (12.7mm) LEAD LENGTH
60Hz RESISTIVE OF INDUCTIVE LOAD
HEAT-SINK
MOUNTING, TC
4"x4"x0.15"
COPPER PLATE
Ambient Temperature [
oC]
Forward Current Derating Curve
Forward Characteristics
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
0.1
1
10
100
FO RWARD VOLTAGE (V)
T = 25 C
º
A
Pulse Width = 300
μs
1% Duty Cycle
Reverse Characteristics
0
20406080
100
120
140
0.01
0.1
1
10
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
T = 100 C
º
C
T = 25 C
º
A
Non-Repetitive Surge Current
12
5
10
20
50
100
0
40
80
120
160
200
NUMBER OF CYCLES AT 60Hz
T = 105 C
º
A
Junction Capacitance
1
5
10
50
100
10
50
100
400
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com