Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS351A Datasheet(PDF) 2 Page - Texas Instruments

Part # SNLS351A
Description  Quad Fault Protected Peripheral Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS351A Datasheet(HTML) 2 Page - Texas Instruments

  SNLS351A Datasheet HTML 1Page - Texas Instruments SNLS351A Datasheet HTML 2Page - Texas Instruments SNLS351A Datasheet HTML 3Page - Texas Instruments SNLS351A Datasheet HTML 4Page - Texas Instruments SNLS351A Datasheet HTML 5Page - Texas Instruments SNLS351A Datasheet HTML 6Page - Texas Instruments SNLS351A Datasheet HTML 7Page - Texas Instruments SNLS351A Datasheet HTML 8Page - Texas Instruments SNLS351A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DS3668
Quad Fault Protected Peripheral Driver
General Description
The DS3668 quad peripheral driver is designed for those
applications where low operating power, high breakdown
voltage, high output current and low output ON voltage are
required. Unlike most peripheral drivers available, a unique
fault protected circuit is incorporated on each output. When
the load current exceeds 1.0A (approximately) on any output
for more than a built-in delay time, nominally 12 µs, that
output will be shut off by its protection circuitry with no effect
on other outputs. This condition will prevail until that protec-
tion circuitry is reset by toggling the corresponding input or
the enable pin low for at least 1.0 µs. This built-in delay is
provided to ensure that the protection circuitry is not trig-
gered by turn-on surge currents associated with certain
kinds of loads.
The DS3668’s inputs combine TTL compatibility with high
input impedance. In fact, its extreme low input current allows
it to be driven directly by a MOS device. The outputs are
capable of sinking 600 mA each and offer a 70V breakdown.
However, for inductive loads the output should be clamped
to 35V or less to avoid latch up during turn off (inductive
fly-back protection — refer AN-213). An on-chip clamp diode
capable of handling 800 mA is provided at each output for
this purpose. In addition, the DS3668 incorporates circuitry
that guarantees glitch-free power up or down operation and
a fail-safe feature which puts the output in a high impedance
state when the input is open.
The molded package is specifically constructed to allow
increased power dissipation over conventional packages.
The four ground pins are directly connected to the device
chip with a special copper lead frame. When the quad driver
is soldered into a PC board, the power rating of the device
improves significantly.
Applications
n
Relay drivers
n
Solenoid drivers
n
Hammer drivers
n
Stepping motor drivers
n
Triac drivers
n
LED drivers
n
High current, high voltage drivers
n
Level translators
n
Fiber optic LED drivers
Features
n
Output fault protection
n
High impedance TTL compatible inputs
n
High output current — 600 mA per output
n
No output latch-up at 35V
n
Low output ON voltage (550 mV typ @ 600 mA)
n
High breakdown voltage (70V)
n
Open collector outputs
n
Output clamp diodes for inductive fly-back protection
n
NPN inputs for minimal input currents (1 µA typical)
n
Low operating power
n
Standard 5V power supply
n
Power up/down protection
n
Fail-safe operation
n
2W power package
n
Pin-for-pin compatible with SN75437
Connection Diagram
Dual-In-Line Package
DS005225-1
Top View
Order Number DS3668N
See NS Package Number N16E
January 2001
© 2001 National Semiconductor Corporation
DS005225
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com