Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD321DPYR Datasheet(PDF) 6 Page - Texas Instruments

Part # ESD321DPYR
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ESD321DPYR Datasheet HTML 2Page - Texas Instruments ESD321DPYR Datasheet HTML 3Page - Texas Instruments ESD321DPYR Datasheet HTML 4Page - Texas Instruments ESD321DPYR Datasheet HTML 5Page - Texas Instruments ESD321DPYR Datasheet HTML 6Page - Texas Instruments ESD321DPYR Datasheet HTML 7Page - Texas Instruments ESD321DPYR Datasheet HTML 8Page - Texas Instruments ESD321DPYR Datasheet HTML 9Page - Texas Instruments ESD321DPYR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
5.7 Typical Characteristics
D001_TLP_IO_GND.grf
Volatge (V)
0
1
2
3
4
5
6
7
8
9
10
-4
0
4
8
12
16
20
24
28
32
D001
Figure 5-1. TLP I-V Curve, I/O Pin to GND (tp = 100ns)
D002_TLP_GND_IO.grf
Voltage (V)
-8
-7
-6
-5
-4
-3
-2
-1
0
-32
-28
-24
-20
-16
-12
-8
-4
0
4
D002
Figure 5-2. TLP I-V Curve, GND to I/O Pin (tp = 100ns)
D003_8kV_pos.grf
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
-10
0
10
20
30
40
50
60
D003
Figure 5-3. 8kV IEC 61000-4-2 Clamping Voltage Waveform, I/O
Pin to GND
D004_8kV_neg.grf
Time (ns)
-10
0
10
20
30
40
50
60
70
80
90
-60
-50
-40
-30
-20
-10
0
10
D004
Figure 5-4. 8kV IEC 61000-4-2 Clamping Voltage Waveform,
GND to I/O Pin
D005_DC_Plot.grf
Voltage (V)
-1
0
1
2
3
4
5
6
7
-0.001
-0.0005
0
0.0005
0.001
D005
Figure 5-5. DC Voltage Sweep I-V Curve, I/O Pin to GND
D006_Surge1.grf
Time ( s)
-20
0
20
40
60
80
100
120
140
160
180
-5
0
5
10
15
20
25
30
35
40
45
Current (A)
Power (W)
Figure 5-6. Surge Curve (IEC 61000-4-5, tp=8/20µs), I/O Pin to
GND
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com