Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDC Datasheet(PDF) 1 Page - Multicomp Pro

Part # TDC
Description  Dual Row Terminal Block TDC Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TDC Datasheet(HTML) 1 Page - Multicomp Pro

  TDC Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
24/11/17
Dual Row Terminal Block
TDC Series
Specifications
Insulator
: Nylon66, rated UL94V-0
Insulator colour
: Black
Contacts
: 0.031” (0.8mm) Thickness Brass, Tin-plated
Screws
: M4, Brass, Nickel-plated
Hardware
: Brass, Tin-plated
Rated
: 300V AC, 30A
Insulation Resistance
: 500MΩ Min. @500V DC
Dielectric Withstanding Voltage : 2,000V AC for 1 minute
Wire Range
: 18 - 12 AWG
Screw Torque Value
: 18kg - cm
Operating temperature
: -40°C to +105°C
Environmental
: Lead-free
Diagram
Dimensions : Inches (Millimetres)
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell Limited 2016.
Part Number Table
Description
Part Number
Panel Mount Barrier Terminal Block, 2 Row, 2 Positions
TDC-02
Panel Mount Barrier Terminal Block, 2 Row, 3 Positions
TDC-03
Panel Mount Barrier Terminal Block, 2 Row, 4 Positions
TDC-04
Panel Mount Barrier Terminal Block, 2 Row, 5 Positions
TDC-05
Panel Mount Barrier Terminal Block, 2 Row, 6 Positions
TDC-06
Panel Mount Barrier Terminal Block, 2 Row, 8 Positions
TDC-08
Panel Mount Barrier Terminal Block, 2 Row, 12 Positions
TDC-12
Panel Mount Barrier Terminal Block, 2 Row, 16 Positions
TDC-16
Screw Part Number
4
TDC-02
6
TDC-03
8
TDC-04
10
TDC-05
12
TDC-06
16
TDC-08
24
TDC-12
32
TDC-16
1 Pole = 2 Screws


Similar Part No. - TDC

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TDC CDE-TDC Datasheet
149Kb / 5P
Dipped, Radial Leaded, Solid Tantalum Capacitors
logo
Automatic Timing & Cont...
TDC ATC-TDC Datasheet
343Kb / 1P
On-Delay Relay Output
logo
Panasonic Semiconductor
TDC PANASONIC-TDC Datasheet
1Mb / 5P
Conductive Polymer Tantalum
08-May-25
logo
Siemens Semiconductor G...
TDC 0723-723 SIEMENS-TDC 0723-723 Datasheet
297Kb / 16P
Precision Voltage Regulator
logo
Adam Technologies, Inc.
TDC-08 ADAM-TECH-TDC-08 Datasheet
148Kb / 1P
BARRIER TERMINAL STRIPS
More results

Similar Description - TDC

ManufacturerPart #DatasheetDescription
logo
FCI connector
20020109 FCI-CONNECTOR-20020109 Datasheet
230Kb / 3P
TERMINAL BLOCK
logo
Cooper Bussmann, Inc.
TDC10-5A COOPER-TDC10-5A Datasheet
69Kb / 2P
TDC Series, Glass Tube
logo
Adam Technologies, Inc.
EB49-XX-B ADAM-TECH-EB49-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB50-A-XX-B ADAM-TECH-EB50-A-XX-B Datasheet
73Kb / 1P
TERMINAL BLOCK
EB59-1-XX-A ADAM-TECH-EB59-1-XX-A Datasheet
74Kb / 1P
TERMINAL BLOCK
EB110-XX-C ADAM-TECH-EB110-XX-C Datasheet
64Kb / 1P
TERMINAL BLOCK
EB111-XX-C ADAM-TECH-EB111-XX-C Datasheet
109Kb / 1P
TERMINAL BLOCK
EB115-XX-U ADAM-TECH-EB115-XX-U Datasheet
77Kb / 1P
TERMINAL BLOCK
EBYD-XX-J-GY ADAM-TECH-EBYD-XX-J-GY Datasheet
76Kb / 1P
TERMINAL BLOCK
logo
List of Unclassifed Man...
TBSERIES ETC2-TBSERIES Datasheet
461Kb / 4P
TB SERIES TERMINAL BLOCK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com