Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPS2161 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STMPS2161
Description  Enhanced single channel power switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161 Datasheet(HTML) 5 Page - STMicroelectronics

  STMPS2161 Datasheet HTML 1Page - STMicroelectronics STMPS2161 Datasheet HTML 2Page - STMicroelectronics STMPS2161 Datasheet HTML 3Page - STMicroelectronics STMPS2161 Datasheet HTML 4Page - STMicroelectronics STMPS2161 Datasheet HTML 5Page - STMicroelectronics STMPS2161 Datasheet HTML 6Page - STMicroelectronics STMPS2161 Datasheet HTML 7Page - STMicroelectronics STMPS2161 Datasheet HTML 8Page - STMicroelectronics STMPS2161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
List of tables
5/30
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Table 3.
FAULT conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Table 4.
SOT23-5L (160 °C/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
MSOP8 (220 °C/W) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 6.
SO-8 (160 °C/W). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 7.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 8.
Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 9.
SOT-23-5L electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 10.
MSO8/SO8 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 11.
Current limit characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 13
Table 12.
Supply current characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 13
Table 13.
Thermal characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 14
Table 14.
UVLO characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 14
Table 15.
OC pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 14
Table 16.
EN pin characteristics
(VI = 5.5 V, IO = rated current, TJ = 25 °C, unless otherwise specified) . . . . . . . . . . . . . . . 14
Table 17.
SOT23-5L mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 18.
SOT23-5L footprint dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 19.
SO-8 mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 20.
MSOP8 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 21.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com