Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW81 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYW81
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW81 Datasheet(HTML) 3 Page - STMicroelectronics

  BYW81 Datasheet HTML 1Page - STMicroelectronics BYW81 Datasheet HTML 2Page - STMicroelectronics BYW81 Datasheet HTML 3Page - STMicroelectronics BYW81 Datasheet HTML 4Page - STMicroelectronics BYW81 Datasheet HTML 5Page - STMicroelectronics BYW81 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
50
100
150
200
250
300
350
T
I
M
=tp/T
tp
IM(A)
P=10W
P=20W
P=30W
Fig.2 : Peak current versus form factor.
0.1
1
10
100 200
Tj= 125 C
o
IFM(A)
VFM(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig.3 : Forward voltage drop versus forward
current (maximum values).
0.1
1.0
0.2
0.5
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0 . 5
=0 . 2
=0 .1
Singl e puls e
tp(s)
T
=tp/T
tp
1.0E-03
1.0E-02
1.0E-01
1. 0E+00
K
Fig.4 : Relative variation of thermal impedance
junction to case versus pulse duration.
0
2.5
5
7.5
10
12.5
15
17.5
20
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
=0.05
=0.1
=0.2
=0.5
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
=1
Fig.1 : Average forward power dissipation versus
average forward current.
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
110
120
IM
t
=0.5
t(s)
IM(A)
Tc=25 C
o
Tc=60 C
o
Tc=90 C
o
Fig.6 : Non repetitive surge peak forward current
versus overload duration.
(BYW81PI)
0.001
0.01
0.1
1
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
IM
t
=0.5
t(s)
IM(A)
Tc=25 C
o
Tc=75 C
o
Tc=115
C
o
Fig.5 : Non repetitive surge peak forward current
versus overload duration.
(BYW81P)
BYW81P-200 / BYW81PI-200
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com