Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSG55J32AV Datasheet(PDF) 4 Page - Kingstate Electronics Corp.

Part # KSSG55J32AV
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSG55J32AV Datasheet(HTML) 4 Page - Kingstate Electronics Corp.

  KSSG55J32AV Datasheet HTML 1Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 2Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 3Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 4Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 5Page - Kingstate Electronics Corp. KSSG55J32AV Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
志豐電子股份有限公司
KINGSTATE ELECTRONICS CORP 4/6 KSSG55J32AV
F. MECHANICAL CHARACTERISTICS 機械特性
No.
Item
Test condition
Evaluation standard
1
Solderability
焊錫附著性
Lead terminals are immersed in solder bath of +270±5℃ for 3±1
second.
端子置於錫膏內,錫膏溫度:+270±5℃. 焊接時間: 3±1 秒.
95% surface of lead pads
must be covered with
fresh solder
錫膏須覆蓋端子上方 95%
2
Soldering Heat
Resistance
焊錫耐熱性
The product is followed the reflow temperature curve to test its
reflow thermostability.
產品依照迴焊溫度曲線測試迴焊耐熱性
.
No interference in
operation
操作上無任何不良
3
Terminal
Mechanical
Strength
端子強度
Lead pads shall be soldered on the pc board, and the force 9.8N
(1.0kg) shall be applied behind the part for 10 seconds.
將端子焊在
PC 板上後,對單體施以 9.8N(1.0kg)拉力 10 秒.
No damage and cutting off
端子不鬆動
, 不脫落.
4
Vibration
振動測試
Buzzer shall be measured after being applied vibration of
amplitude of 1.5mm with 10 to 55hz band of vibration frequency
to each of 3 per-pendicular directions for 2 hours.
振動週波數
10~55HZ、全振幅 1.5mm 於 X.Y.Z 3 個方向,各 2 小
時
.
After the test the part shall
meet specifications
with-out any damage in
appearance and
the SPL should be in
±10dBA compared with
initial one.
經測試後
,單體除音壓外,外
觀及電氣特性須符合規格
.
輸出音壓變化量須在
±10dBA 內.
5
Drop test
落下測試
The part only shall be dropped from a height of 75cm onto a
40mm thick wooden board 3 times in 3 axes (X.Y.Z). (a total of 9
times).
單體從 75 公分高處,
X.Y.Z.3 個方向,各 3 回,落於 40mm 厚木板上.
G. ENVIRONMENT TEST 環境測試
No.
Item
Test condition
Evaluation standard
1
High temp. test
高溫測試
After being placed in a chamber at +85℃ for 96 hours.
置於
+85℃環境中 96 小時
After the test the part shall
meet specifications
with-out any degradation
in appearance and
performance except SPL.
after 4 hours at +25℃.
the SPL should be in
±10dBA compared with
initial one.
經測試後
, 靜置於+25℃
(室溫)環境中 4 小時後,
單體除音壓外
, 外觀及電
氣特性須符合規格
. 輸出
音壓變化量須在
±10dBA
內
.
2
Low temp. test
低溫測試
After being placed in a chamber at –40℃ for 96 hours.
置於
-40℃環境中 96 小時
3
Thermal Shock
熱衝擊試驗
The part shall be subjected to 10 cycles. One cycle shall consist
of; 對單體施以熱衝擊試驗 10 次循環,其循環內容如圖示
+85℃
-40℃
30 min.
30 min.
60 min.
4
Temp./ Humidity
Cycle
溫度
/溼度循環測試
The part shall be subjected to 5 cycles. One cycle shall be 24
hours and consist of;
單體承受溫度
/溼度循環測試 5 次.其循環內容如圖示
+85 ℃
a,b : 90~98%RH
c : 80~98%RH
a
b
+25℃
3hrs
12±0.5hrs
3hrs
c
24hours



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com