Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSSGD3B16 Datasheet(PDF) 2 Page - Kingstate Electronics Corp.

Part # KSSGD3B16
Description  Magnetic Buzzer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTATE [Kingstate Electronics Corp.]
Direct Link  https://www.kingstate.com.tw/index.php
Logo KINGSTATE - Kingstate Electronics Corp.

KSSGD3B16 Datasheet(HTML) 2 Page - Kingstate Electronics Corp.

  KSSGD3B16 Datasheet HTML 1Page - Kingstate Electronics Corp. KSSGD3B16 Datasheet HTML 2Page - Kingstate Electronics Corp. KSSGD3B16 Datasheet HTML 3Page - Kingstate Electronics Corp. KSSGD3B16 Datasheet HTML 4Page - Kingstate Electronics Corp. KSSGD3B16 Datasheet HTML 5Page - Kingstate Electronics Corp. KSSGD3B16 Datasheet HTML 6Page - Kingstate Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
志豐電子股份有限公司 KINGSTATE ELECTRONICS CORP
2/6
KSSGD3B16
A. SCOPE 範疇
This specification applies magnetic buzzer, KSSGD3B16
此規格書適用於電磁式蜂鳴器, KSSGD3B16
B. SPECIFICATION 規格
No.
Item
Unit
Specification
Condition
1
Rated Voltage
額定電壓
Vo-p
3.0
2
Operating Volt.
操作電壓
Vo-p
2~4.5
3
Mean Current
平均耗電流
mA
Max. 80
at Rated Voltage
4
Sound Output
輸出音壓
dBA
Min.85
Distance at 10cm(A-weight free air). Applying
rated voltage .
在自由音場 10 公分處,施以額定電壓.
5
Rated Voltage
額定頻率
Hz
2700
Vo-p=1/2duty , square wave
6
Coil Resistance
阻抗
Ω
16±3
7
Operating Temp.
操作溫度
℃
-40~ +85
8
Limit Temp
極限溫度
℃
-40 ~ +105
9
Storage Temp.
儲存溫度
℃
-40 ~ +120
10
Dimension
尺寸
mm
Φ9.0 x H4.5
See attached drawing.
請參照外觀尺寸圖
11
Weight
重量
gram
0.8
12
Material
材質
PPS(Black)
13
Terminal
端子
SMD type
鍍金/Plated Brass(Au)
See attached drawing.
請參照外觀尺寸圖
14
Environmental
Protection Regulation
環保法規
RoHS 2.0
高溫錫含鉛豁免
15
Storage life
保存期限
month
6
6 months preservation at room temp.(25±3
℃),Humidity40%
在室溫下 25±3℃,濕度 40%以下可保存 6 個月.
C. TYPICAL FREQUENCY RESPONSE CURVE
頻率響應曲線



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com