Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4925 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4925
Description  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics L4925_V01 Datasheet HTML 10Page - STMicroelectronics L4925_V01 Datasheet HTML 11Page - STMicroelectronics L4925_V01 Datasheet HTML 12Page - STMicroelectronics L4925_V01 Datasheet HTML 13Page - STMicroelectronics L4925_V01 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
L4925
Revision history
Doc ID 1770 Rev 8
13/14
6
Revision history
Table 5.
Document revision history
Date
Revision
Changes
01-Oct-2003
4
First issue in EDOCD DMS
18-Nov-2005
5
Added GND pins to fig. 4
Added order code and changed the formatting style in compliance
with the new template
03-Feb-2006
6
Reset Threshold Voltage changed from 4.5V / 5.2V (min/max) to
4.2V / 4.8V on Table 4.
09-Feb-2010
7
Reformatted entire document.
Removed PENTAWATT package
Updated Table 2: Thermal data
20-Sep-2013
8
Updated disclaimer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com