Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4925PD Datasheet(PDF) 11 Page - STMicroelectronics

Part # L4925PD
Description  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925PD Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L4925PD Datasheet HTML 6Page - STMicroelectronics L4925PD Datasheet HTML 7Page - STMicroelectronics L4925PD Datasheet HTML 8Page - STMicroelectronics L4925PD Datasheet HTML 9Page - STMicroelectronics L4925PD Datasheet HTML 10Page - STMicroelectronics L4925PD Datasheet HTML 11Page - STMicroelectronics L4925PD Datasheet HTML 12Page - STMicroelectronics L4925PD Datasheet HTML 13Page - STMicroelectronics L4925PD Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
L4925
Application information
Doc ID 1770 Rev 8
11/14
4
Application information
4.1
Supply voltage transients
High supply voltage transients can cause a reset output signal disturbance.
For supply voltage greater than 8 V the circuit shows a high immunity of the reset output
against supply transients of more than 100 V/ms. For supply voltage lower than 8 V, supply
transients of more than 0.4 V/ms. can cause a reset signal disturbance.
4.2
Application circuit
Figure 8.
Application circuit diagram
For stability: CS  1µF; CO  10 µF; ESR  2.5  at 10 KHz
Recommended for application: CS = CO = 10 µF to 100 µF
+
-
PREREGULATOR
5V
VREF
1.23V
Vz
Vz
2
μ
=
VS
GND
2V
RESET
REG
L4925
Vo
CT
RES
D95AT153
VBAT
CS
Co
Vout
RES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com