Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979D-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4979D-E
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979D-E Datasheet(HTML) 5 Page - STMicroelectronics

  L4979D-E Datasheet HTML 1Page - STMicroelectronics L4979D-E Datasheet HTML 2Page - STMicroelectronics L4979D-E Datasheet HTML 3Page - STMicroelectronics L4979D-E Datasheet HTML 4Page - STMicroelectronics L4979D-E Datasheet HTML 5Page - STMicroelectronics L4979D-E Datasheet HTML 6Page - STMicroelectronics L4979D-E Datasheet HTML 7Page - STMicroelectronics L4979D-E Datasheet HTML 8Page - STMicroelectronics L4979D-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS3717 Rev 12
5/22
L4979D-E, L4979MD
Block diagram and pin descriptions
21
1
Block diagram and pin descriptions
Figure 1. Block diagram
Table 2. Pin function
SO8
pin number
SO20
pin number
Pin name
Function
1
1
En
Enable input If high, regulator, watchdog and reset are
operating. If low, regulator, watchdog and reset are shut
down.
2
4
gnd
Ground reference
5,6,15,16
gnd
Ground. These pins are to be connected to a heat
spreader electrically grounded
3
7
Res
Reset output. It is pulled down when output voltage
drops below Vo_th or frequency at Wi is too low.
4
10
Vcr
Reset timing adjust a capacitor between Vcr pin and
gnd sets the reset delay time (trd)
5
11
Vcw
Watchdog timer adjust a capacitor between Vcw pin and
gnd sets the time response of the watchdog monitor.
6
14
Wi
Watchdog input. If the frequency at this input pin is too
low, the Reset output is activated.
7
17
Vo
Voltage regulator output output capacitor >100 nF is
needed for regulator stability
Voltage reference
reset
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
En
gnd
Vo
Co
5V, 150 mA
Voltage reference
reset
watchdog
Vs
Vi
Wi
Vcw
Vcr
Ctr
Ctw
Res
En
gnd
Vo
Co
5V, 150 mA
GAPGCFT00200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com