Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4989D Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4989D
Description  Automotive low power voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989D Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4989D Datasheet HTML 11Page - STMicroelectronics L4989D Datasheet HTML 12Page - STMicroelectronics L4989D Datasheet HTML 13Page - STMicroelectronics L4989D Datasheet HTML 14Page - STMicroelectronics L4989D Datasheet HTML 15Page - STMicroelectronics L4989D Datasheet HTML 16Page - STMicroelectronics L4989D Datasheet HTML 17Page - STMicroelectronics L4989D Datasheet HTML 18Page - STMicroelectronics L4989D Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
DS8714 Rev 3
15/19
L4989D, L4989MD
Package and packing information
18
4.3
SO-20 package information
Figure 7. SO-20 package dimensions
Table 10. SO-20 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
2.35
2.65
A1
0.10
0.30
B
0.33
0.51
C
0.23
0.32
D(1)
1. “D” dimension does not include mold flash, protusions or gate burrs. Mold flash, protusions or gate burrs
shall not exceed 0.15 mm per side.
12.60
13.00
E
7.40
7.60
e1.27
H
10.0
10.65
h
0.25
0.75
L
0.40
1.27
k0°
8°
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com