Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4988MD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4988MD
Description  Automotive low drop voltage regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4988MD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4988MD Datasheet HTML 4Page - STMicroelectronics L4988MD Datasheet HTML 5Page - STMicroelectronics L4988MD Datasheet HTML 6Page - STMicroelectronics L4988MD Datasheet HTML 7Page - STMicroelectronics L4988MD Datasheet HTML 8Page - STMicroelectronics L4988MD Datasheet HTML 9Page - STMicroelectronics L4988MD Datasheet HTML 10Page - STMicroelectronics L4988MD Datasheet HTML 11Page - STMicroelectronics L4988MD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical specifications
L4988
8/32
DS5334 Rev 8
2.3
Electrical characteristics
Vs =5.6V to 31V, Tj= -40°C to +150°C unless otherwise specified.
Table 5. General
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vo
Vo_ref
Output voltage
Vs = 6 to 31V
Io = 1 to 200mA
4.9
5.0
5.1
V
Vo
Ishort
Short circuit current
Vs = 13.5V(1)
200
280
500
mA
Vo
Ilim
(2)
Output current limitation
Vs = 13.5V
(1)
200
350
600
mA
Vs, Vo
Vline
Line regulation voltage
Vs = 6 to 31V
Io = 1 to 200mA
25
mV
Vo
Vload
Load regulation voltage
Io = 1 to 200mA
25
mV
Vs, Vo
Vdp
(3)
Drop voltage
Io = 200mA
270
500
mV
Vs, Vo
Vdp
(3)
Drop voltage
Io = 150mA
200
400
mV
Vs, Vo
SVR
Ripple rejection
fr = 100 Hz(4)
60
dB
Vs, Vo
Iqn_200
Quiescent current
Vs=13.5V, Io=200mA,
WEn = high
1.9
2.5
mA
Vs, Vo
Iqn_50
Quiescent current
Vs=13.5V,
Io= 50mA,
WEn = high
500
700
µA
Vs, Vo
Iq_1_we
Quiescent current
Vs=13.5V,
Io< 1mA,
WEn = high
93
200
µA
Vs, Vo
Iq_1_wd
Quiescent current
Vs=13.5V,
Io< 1mA,
WEn = low
75
150
µA
Tw
Thermal protection temperature
150
190
°C
Tw_hy
Thermal protection temperature
hysteresis
10
°C
1.
See Figure 3.
2.
Measured output current when the output voltage has dropped 100mV from its nominal value obtained at Vs=13.5V and
Io= 75mA
.
3.
Vs-Vo measured when the output voltage has dropped 100mV from its nominal value obtained at Vs=13.5V and Io= 75mA
.
4.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com