Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4993MDTR Datasheet(PDF) 28 Page - STMicroelectronics

Part # L4993MDTR
Description  Automotive low drop voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MDTR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L4993MDTR Datasheet HTML 23Page - STMicroelectronics L4993MDTR Datasheet HTML 24Page - STMicroelectronics L4993MDTR Datasheet HTML 25Page - STMicroelectronics L4993MDTR Datasheet HTML 26Page - STMicroelectronics L4993MDTR Datasheet HTML 27Page - STMicroelectronics L4993MDTR Datasheet HTML 28Page - STMicroelectronics L4993MDTR Datasheet HTML 29Page - STMicroelectronics L4993MDTR Datasheet HTML 30Page - STMicroelectronics L4993MDTR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Package and packing information
L4993
28/31
DS5285 Rev 10
5.4
SO-8 packing information
Figure 38. SO-8 tape and reel shipment (suffix “TR”)
k0°
8°
ddd
0.10
1. “D” dimension does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15mm per side.
Table 12. SO-20 mechanical data (continued)
Symbol
Millimeters
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com