Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150CJ Datasheet(PDF) 22 Page - STMicroelectronics

Part # L5150CJ
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CJ Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L5150CJ Datasheet HTML 18Page - STMicroelectronics L5150CJ Datasheet HTML 19Page - STMicroelectronics L5150CJ Datasheet HTML 20Page - STMicroelectronics L5150CJ Datasheet HTML 21Page - STMicroelectronics L5150CJ Datasheet HTML 22Page - STMicroelectronics L5150CJ Datasheet HTML 23Page - STMicroelectronics L5150CJ Datasheet HTML 24Page - STMicroelectronics L5150CJ Datasheet HTML 25Page - STMicroelectronics L5150CJ Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Package and PCB thermal data
L5150CJ, L5150CS
22/34
DS6184 Rev 18
4.2
SO-8 thermal data
Figure 30. SO-8 PC board(1)
1. Layout condition of Rth and Zth measurements (PCB: double layer, thermal vias,
FR4 area = 48 mm x 48 mm, PCB thickness = 2 mm, Cu thickness = 35 µm (front and back side),
Cu thickness on vias 25 µm, Footprint dimension 4.1 mm x 6.5 mm).
Figure 31. Rthj-amb vs. PCB copper area in open box free air condition
GAPGCFT00158
RTHjamb
110
115
120
125
130
0
0.5
1
1.5
2
2.5
RTHjamb
GAPGCFT00159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com