Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5150CS Datasheet(PDF) 7 Page - STMicroelectronics

Part # L5150CS
Description  Automotive 5 V low dropout voltage regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5150CS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L5150CS Datasheet HTML 3Page - STMicroelectronics L5150CS Datasheet HTML 4Page - STMicroelectronics L5150CS Datasheet HTML 5Page - STMicroelectronics L5150CS Datasheet HTML 6Page - STMicroelectronics L5150CS Datasheet HTML 7Page - STMicroelectronics L5150CS Datasheet HTML 8Page - STMicroelectronics L5150CS Datasheet HTML 9Page - STMicroelectronics L5150CS Datasheet HTML 10Page - STMicroelectronics L5150CS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DS6184 Rev 18
7/34
L5150CJ, L5150CS
Electrical specifications
33
2
Electrical specifications
2.1
Absolute maximum ratings
Stressing the device above the rating listed in the Table 3: Absolute maximum ratings may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vsdc
DC supply voltage
-0.3 to 40
V
Isdc
Input current
internally limited
Vodc
DC output voltage
-0.3 to 6
V
Iodc
DC output current
internally limited
Vod Res
Open drain output voltage Res
-0.3 to Vodc + 0.3
V
Iod Res
Open drain output current Res
internally limited
VRes_adj
VRes_adj voltage
-0.3 to Vodc + 0.3
V
Vod EWo
Open drain output voltage EWo
-0.3 to Vodc + 0.3
V
Iod EWo
Open drain output current EWo
internally limited
Vcr
Vcr voltage
-0.3 to Vo + 0.3
V
VEWi
Early warning input voltage
-0.3 to 40
V
Tj
Junction temperature
-40 to 150
°C
VESD HBM
ESD HBM voltage level (HBM-MIL STD 883C)
± 2
kV
VESD CDM
ESD CDM voltage level (CDM-)
± 750
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com