Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5951 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 3 Page - STMicroelectronics

  L5951_V01 Datasheet HTML 1Page - STMicroelectronics L5951_V01 Datasheet HTML 2Page - STMicroelectronics L5951_V01 Datasheet HTML 3Page - STMicroelectronics L5951_V01 Datasheet HTML 4Page - STMicroelectronics L5951_V01 Datasheet HTML 5Page - STMicroelectronics L5951_V01 Datasheet HTML 6Page - STMicroelectronics L5951_V01 Datasheet HTML 7Page - STMicroelectronics L5951_V01 Datasheet HTML 8Page - STMicroelectronics L5951_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID7510 Rev 2
3/18
L5951
Block diagram and pins description
18
1
Block diagram and pins description
1.1
Block diagram
Figure 1. Block diagram
SUPPLY
SELECTOR
BANDGAP
REFERENCE
3V
STANDBY
5V
STANDBY
RESET
ENABLE/
PROTECTION
LOGIC
7.8V
BUS DRIVER
WAVESHAPING
FILTER
4XEN AND
LOOPBACK
DIGITAL OUTPUT
DRIVER
LOSS
OF GND
PROTECTION
LOAD
GND
BUS
REG3
RESET
REG2
REG1
VBAT
LVS
EN
SLEEP
TX
4X
LOOP
RX
D99AU991
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com