Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5951 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5951
Description  Triple output multifunction voltage regulator for car radio with IDR/class2 interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5951 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5951 Datasheet HTML 7Page - STMicroelectronics L5951 Datasheet HTML 8Page - STMicroelectronics L5951 Datasheet HTML 9Page - STMicroelectronics L5951 Datasheet HTML 10Page - STMicroelectronics L5951 Datasheet HTML 11Page - STMicroelectronics L5951 Datasheet HTML 12Page - STMicroelectronics L5951 Datasheet HTML 13Page - STMicroelectronics L5951 Datasheet HTML 14Page - STMicroelectronics L5951 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID7510 Rev 2
11/18
L5951
Electrical specifications
18
I4Xvih
I4Xvil
4X input current
4X = 5 VDC
4X = 0 VDC
0
0
A
A
LTrip1
LTrip2
LOOP input trip point voltages
Normal Mode
Loopback Mode
2
0.8
V
V
ILvih
ILvil
LOOP input current
LOOP = 5VDC
LOOP = 0VDC
0
A
VRXhigh
RX output voltage, high
BUS = 7V, IRX = -200A4.85
V
VRXlow
RX output voltage, low
BUS = 0V, IRX = 1.6mA
0.2
V
IRX
RX output current
RX = high (Short circuit
protection limits)
5mA
VIH
VIL
Sleep(1) input voltage
TX = 5VDC
Verify BUS > 3.725
Verify BUS < 4.025
2
0.8
V
V
ISleepvih
ISleepvil
Sleep(1) input current
Sleep* = 5VDC
Sleep* = 0VDC
0.2
0
A
A
AC characteristics for class 2 transceiver (Standard loads: IREG1 = 0.5mA, IREG2 = 0.5mA, IREG3 = 5mA)
BUSLTOH BUS voltage rise times
TX = 7.812Hz square wave
See Figure 1
Min and max loaded BUS
15
s
BUSHTOL BUS voltage fall times
TX = 7.812Hz square wave
See Figure 1
Min and max loaded BUS
14
s
tWbus
BUS pulse width distortion
TX = 7.812Hz square wave
See Figure 2
Load BUS with 3.300pF and
1.38k
Measure @ 1.5V levels
Measure @ 6.25V levels
77
48
s
s
V1
V2
Spectral content limit
(Measure spectral peak from
0.53MHz to 1.6MHz)
VBAT = 9V to 16V, no ground
offset, 0.53
 f  1MHz.
VBAT = 9V to 16V, no ground
offset, 1
 f  1.67MHz.
100
80
V
V
BUSDLY Propagation delay
Measure delay between TX trip
point and RX trip point
16
s
TX4XDLY
TXNormDL
Y
TX to BUS delay
Measure from 2.5V on TX to
3.875V on BUS
4X mode
Normal mode
3.5
14.5
s
s
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com