Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5956 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L5956
Description  Multifunction voltage regulator for car radio
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5956 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L5956 Datasheet HTML 9Page - STMicroelectronics L5956 Datasheet HTML 10Page - STMicroelectronics L5956 Datasheet HTML 11Page - STMicroelectronics L5956 Datasheet HTML 12Page - STMicroelectronics L5956 Datasheet HTML 13Page - STMicroelectronics L5956 Datasheet HTML 14Page - STMicroelectronics L5956 Datasheet HTML 15Page - STMicroelectronics L5956 Datasheet HTML 16Page - STMicroelectronics L5956 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
L5956
14/17
Doc ID 13852 Rev 4
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 11.
PowerSO20 (slug-up) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
e
A
A2
E
a1
A5
D2 (x2)
M
PSO20DME
D
E1
E2
E2
h x 45û
S
Gage Plane
0.35
L
DETAIL A
DETAIL A
(COPLANARITY)
GC
- C -
SEATING PLANE
e3
b
c
N
H
N
V
E3
10
1
D1
20
11
A4
R
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.25
3.5
0.128
0.138
A2
3
3.15
3.3
0.118
0.124
0.130
A4
0.8
1
0.031
0.039
A5
0.15
0.2
0.25
0.006
0.008
0.010
a1
0.030
-0.040
0.0012
-0.0016
b
0.4
0.53
0.016
0.021
c
0.23
0.32
0.009
0.012
D (1)
15.8
16
0.622
0.630
D1
9.4
9.8
0.370
0.385
D2
1
0.039
E
13.9
14.5
0.547
0.570
E1 (1)
10.9
11.1
0.429
0.437
E2
2.9
0.114
E3
5.8
6.2
0.228
0.244
e
1.12
1.27
1.42
0.044
0.050
0.056
e3
11.43
0.450
G
0
0.1
0
0.004
H
15.5
15.9
0.61
0.625
h
1.1
0.043
L
0.8
1.1
0.031
0.043
N
10¡ (max)
R
0.6
0.024
S
0¡ (min.) 8¡ (max.)
V
5¡ (min.) 7¡ (max.)
(1) ÒD and E1Ódo not include mold flash or protusions.
- Mold flash or protusions shall not exceed 0.15mm (0.006Ó)
- Critical dimensions: ÒEÓ,Òa1Ó,ÒeÓ
and ÒGÓ.
PowerSO20 (SLUG UP)
0088529 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com